Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72730 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA72730
Description  Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72730 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA72730_10 Datasheet HTML 1Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 2Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 3Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 4Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 5Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 6Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 7Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA72730
Electrical Characteristics at Ta
= 25°C, VDD = 5.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation
ICC
VCC = 5V, No signal
15.2
18
20.8
mA
Audio block
Audio input DC voltage
INa
No signal pin 1, 2, 3, 4, 5, 6, 23, 24 DC voltage
2.2
2.4
2.6
V
Audio output DC voltage
Oa
No signal pin 19, 20 DC voltage
2.2
2.4
2.6
V
Audio channel bandwidth
Fa
Input : 1kHz/20kHz, -6dBV : Pin 19, 20 output
-2
0
+2
dB
Audio voltage gain (Audio-out)
Aa1
f = 1kHz, VIN = -6dBV, Pin 19, 20 output
-0.3
0.0
+0.3
dB
Audio voltage gain (Monitor-out)
Aa2
f = 1kHz, VIN = -6dBV, Pin 12, 16 output
3.5
4.0
4.5
dB
Audio input dynamic range
(Audio-out)
Da1
f = 1kHz, THD =
≤1%
Pin 19, 20 output
-3.0
-1.0
dBV
Audio input dynamic range
(Monitor-out)
Da2
f = 1kHz, THD =
≤1%
Pin 13, 16 output
-5.0
-3.0
dBV
Audio channel PSRR
PSa
VCC = 5V+1Vp-p, SINE WAVE (50Hz)
35
50
dB
Audio channel input impedance
Ria
80
100
120
k
Ω
Audio channel output impedance
Roa
150
200
250
Ω
Audio channel crosstalk
CTa
f = 1kHz
65
80
dB
Audio channel S/N
SNa
Filter = DIN/AUDIO
70
85
dB
Audio channel THD
THDa
f = 1kHz, VIN = -6dBV
0.15
0.3
%
ALC Detect level-1
ALC1
-10.5
-9
-7.5
dBV
ALC Detect level-2
ALC2
-15.5
-14
-12.5
dBV
ALC Detect level-3
ALC3
-13.5
-12
-10.5
dBV
ALC Detect level-4
ALC4
-19.5
-18
-16.5
dBV
Video block
Video input DC voltage
INv
1.44
1.6
1.76
V
Video output DC voltage
Ov
1.26
1.4
1.54
V
Video channel bandwidth
Fv
-3dB frequency
10
MHz
Video signal voltage gain
Av
f = 500kHz, VIN = 1Vp-p
5.0
6.0
7.0
dB
Video input dynamic range
Dv
f = 100kHz, THD
≤ 1%
2.0
2.5
Vp-p
Video channel PSRR
PSv
VCC = 5V+1Vp-p, SINE WAVE (50Hz)
35
50
dB
Video channel input impedance
Riv
8.0
10
12.0
k
Ω
Video channel output impedance
Rov
30
40
50
Ω
Video channel crosstalk
CTv
f = 3.58MHz, VIN = 1Vp-p
45
60
dB
Video channel noise
SNv
Bandwidth 10MHz
55
60
dB
Package Dimensions
unit : mm (typ)
3067B
1
12
24
13
21.0
0.95
1.78
0.48
0.9
(0.71)
SANYO : DIP24S(300mil)
No.A1059-2/8


Similar Part No. - LA72730_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
More results

Similar Description - LA72730_10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
   Audio-Video Switch
logo
Sanyo Semicon Device
LA7958 SANYO-LA7958_11 Datasheet
299Kb / 7P
   Audio/Video Switch
logo
STMicroelectronics
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
   Audio/video switch matrix
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
   AUDIO/VIDEO SWITCH MATRIX
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
   AUDIO/VIDEO SWITCH MATRIX
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
   Audio/video switch matrix
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
logo
Sanyo Semicon Device
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
   Audio/Video Switch for VCR Video Camera Use
logo
Sony Corporation
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com