Selected language     English  ▼


LA72730 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA72730
Description  Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
LA72730
Block Diagram
+
+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LIN-1
0.1
μF
LIN-2
0.1
μF
LIN-TV
0.1
μF
RIN-TV
0.1
μF
47
μF
+
+
47
μF
+
10
μF
+
10
μF
VIN-TV
AUDIO L OUT
AUDIO R OUT
220
μF
75
Ω
75
Ω
4dB
ALC FILT
L Monitor out
NC
SDA
SCL
LIN-3
0.1
μF
RIN-1
0.1
μF
RIN-2
0.1
μF
+
10
μF
+
10
μF
VIDEO OUT
RIN-3
0.1
μF
VIN-1
VCC
10
μF
VCC 5V
47
μF
0.1
μF
100
μH
+
VIN-2
10
μF
+
VIN-3
10
μF
+
10
μF
+
GND
R Monitor out
4dB
6dB
BUFF
BUFF
REG
DET
MODE
SELECT
ALC
ALC
No.A1059-3/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl