Selected language     English  ▼


LA72730 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA72730
Description  Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 6 page
background image
LA72730
Pin Functions
DC : voltage
Pin No.
Pin Name
Function
AC : level
Equivalent Circuit
1
2
3
4
5
6
23
24
PIA_L1
PIA_L2
PIA_L3
PIA_R1
PIA_R2
PIA_R3
PIA_RTV
PIA_LTV
Audio input
DC : 2.4V
50k
Ω
50k
Ω
7
9
11
21
PIV_1
PIV_2
PIV_3
PIV_TV
Video input
DC : 1.6V
500
Ω
8
VCC
10
GND
12
16
POMONITR
POMONITL
Monitor output
DC : 2.4V
200
Ω
13
PISCL
Serial clock input
1k
Ω
14
PISDA
Serial data input
1k
Ω
17
POALCFIL
ALC detect filter
2k
Ω
150
Ω
Continued on next page
No.A1059-6/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl