Selected language     English  ā–¼


LA73024AV Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA73024AV
Description  Double Scart Interface IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 8 page
background image
LA73024AV
No.A0238-8/12
Continued from preceding page.
Pin No.
Pin name
Function
DC voltage
Equivalent circuit
30
31
42
43
AOUT2L
AOUT2R
AOUT3L
AOUT3R
Audio output terminal
Push-pull output
Low-Impedance
4.91V
39
40
AOUT1L
AOUT1R
Audio output terminal
Push-pull output
Low-Impedance
4.91V
41
44
PWRMUTE1
PWRMUTE2
Output terminal of audio muting
0V
Power Save
LA73024AV has two supplies 5V for Video part and 12V for audio part and FSS output. LA73024AV separates
perfectly 5V system from 12V system, so it can be individually movement. For example when in the stand-by mode, if
you open 14 pins but 5V supplies 24 and 29 pins, Video part and serial control part work normally. In this case audio
part and FSS output donā€™t work normally. And when you pull up 8pin and open 24 pin , IC chooses automatically video
sw3-B.Consequently Ext input and Decoder output only move , you can save more power dissipation .
Audio Mute
LA73024AV builds in two mute transistors for reduce audio pop-noise when occur at power on and off. You can
control both on serial control and on external parallel control for audio mute.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl