Selected language     English  â–¼


LA73026AV Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA73026AV
Description  Double Scart Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 7 page
background image
LA73026AV
No.A0239-7/13
Continued from preceding page.
Pin No.
Pin name
Function
DC voltage
Equivalent circuit
20
FSSOUT
FSS control terminal.
Output H, M, L 3 values with
serial control.
H: VCC-0.5V
M: 6V
L: 0V
21
DATA
Serial data input terminal.
Conformed to I
2C BUS.
22
CLOCK
Serial clock input terminal.
Conformed to I
2C BUS.
24
VCC5A
Control VCC for Video.
Power save
→ open
Video driver output terminal.
Push-pull output
Low-impedance.
1.10V
25
26
VOUT75A
VOUT75B
29
VCC5B
Always VCC for Video.
Continued on next page.
VCC12
6V
OFF
→MID
ON
→HIGH
+
-
FSSOUT
PGND
500
Ω
Floating
Control VCC(5V)
SGND
CLOCK
VCC(5V)
SGND
VOUT75
500
Ω
Floating
Control VCC(5V)
SGND
DATA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl