Selected language     English  ▼


LA73026AV Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA73026AV
Description  Double Scart Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
71906 MS OT B8-6889 No.A0239-1/13
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA73026AV
Overview
This LA73026AV is a double scart (PAL/SECAM 21pin) interface IC.
Functions
• AV switches
• 6dB AMP + driver
• Changeable Gain AMP
• FSS output
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCCV max
24, 29 pin
6.0
V
Maximum supply voltage
VCCA max
14 pin
13.0
V
Allowable power dissipation
Pd max
Ta
≤ 80°C
760
mW
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
∗ When mounted on a 114.3×76.1×1.6mm3 glass epoxy board.
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCCV
24, 29 pin
5.0
V
Recommending operation voltage
VCCA
14 pin
12.0
V
VCCV op
24, 29 pin
4.5 to 5.5
V
Operating voltage range
VCCA op
14 pin
11.5 to 12.5
V
Ordering number : ENA0239
Monolithic Linear IC
Double Scart Interface IC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl