Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73026AV Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA73026AV
Description  Double Scart Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73026AV Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA73026AV Datasheet HTML 5Page - Sanyo Semicon Device LA73026AV Datasheet HTML 6Page - Sanyo Semicon Device LA73026AV Datasheet HTML 7Page - Sanyo Semicon Device LA73026AV Datasheet HTML 8Page - Sanyo Semicon Device LA73026AV Datasheet HTML 9Page - Sanyo Semicon Device LA73026AV Datasheet HTML 10Page - Sanyo Semicon Device LA73026AV Datasheet HTML 11Page - Sanyo Semicon Device LA73026AV Datasheet HTML 12Page - Sanyo Semicon Device LA73026AV Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LA73026AV
No.A0239-10/13
Transfer data format
The transfer data is composed by START condition, Slave address data
*3, and STOP condition.
After setting up the START condition, please transfer the Slave Address (regulated as “10010100” in SW IC). Group
and next control data (Please see “Data structure”)
Slave Address is composed by 7bits, and this bit 8th bit
*4 should be set as [0].
But SW IC is not equipped with such a data out function, please keep this bit as [0].
The both of Group data and control data are composed by 8bits, and the one control action is defined with combination
of these two data. And if you want to control 2 or more groups at the same mode, you can realize it by sending some
control data together.
The data makes meaning with all bits, so you cannot stop the sending until all data transfer is over. But LA73026AV
adopt auto-increment, for example you can stop to transfer STOP condition after group 2 data . If you want to stop
transfer action, please transfer the STOP condition without fail.
*3 There are 3 control groups.
*4 This 8th bit called as R/W bit, and this bit shows the data transmission direction. [0] means send mode (accept mode
with SW IC) and [1] means accept mode (send mode with SW IC) fundamentally.
Data structure
START condition
Slave Address
R/W ACK Group ACK
Control data
ACK
STOP condition
Initialize
SW IC is initialized as the following mode for circuit protection. Please see “Sub address and data byte table” on page 9.
Characteristics of the SDA and SCL 1/0 stages for SW IC
Parameter
Symbol
Min
Max
Unit
LOW level input voltage
VIL
0
1.0
V
HIGH level input voltage
VIH
2.0
5.0
V
LOW level output current
IOL
3.0
mA
SCL clock frequency
fSCL
100
kHz
Set-up time for a repeated START condition
tSU: STA
4.7
µs
Hold time START condition. After this period, the first clock pulse is generated.
tHD: STA
4.0
µs
LOW period of the SCL clock
tLOW
4.7
µs
Rise time of both SDA and SDL signals
tR
0
1.0
µs
HIGH period of the SCL clock
tHIGH
4.0
µs
Fall time of both SDA and SDL signals
tF
0
1.0
µs
Data hold time
tHD: DAT
0
µs
Data set-up time
tSU: DAT
250
ns
Set-up time for STOP condition
tSU: STO
4.0
µs
BUS free time between a STOP and START condition
tBUF
4.7
µs
Definition of timing


Similar Part No. - LA73026AV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
   Double Scart Interface IC
More results

Similar Description - LA73026AV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
   Double Scart Interface IC
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
   DOUBLE SCART INTERFACE
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
451Kb / 32P
   Low-Power Audio/Video Interface for Single SCART Connectors
Rev 1; 10/08
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
   LCD Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com