Selected language     English  ▼


LA73026AV Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA73026AV
Description  Double Scart Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 11 page
background image
LA73026AV
No.A0239-11/13
Test Circuit
23 VIN4
CLOCK
VCC5A
DATA
VOUT75A
FSSOUT
VOUT75B
EXTCTL3
GND
VIN3
VIN5
GND
VCC5B
AIN3L
AOUT2L
AIN3R
[2.5V
→N.C]
AOUT2R
[2.5V
→N.C]
AIN4R
[2.5V
→N.C]
AIN5R
[2.5V
→N.C]
AOUT1R
[2.5V
→N.C]
AOUT3R
[2.5V
→N.C]
PWRMUTE2
[2.5V
→N.C]
AIN2R
[2.5V
→N.C]
AIN1R
[2.5V
→N.C]
VCC12
GND
VIN2
AIN4L
REFFIL
AIN2L
EXTCTL4
AIN5L
AUMUTE
PWRSAV
GND
VIN1
AOUT1L
GND
VOUT
PWRMUTE1
EXTCTL2
AOUT3L
EXTCTL1
AIN1L
22
24
21
25
20
26
19
27
18
28
17
29
16
30
15
31
14
32
13
33
12
34
11
35
10
36
9
37
8
38
7
39
6
40
5
41
4
42
3
43
2
44
1
75
75
75
0.01
µF
100
µH
T23A
T23
75
0.01
µF
1
µF
1
µF
1
µF
1
µF
T28A
T28
T39A
T39
1
µF
T5
T5A
620
T33A
T33
620
T34A
T34
75
0.01
µF
T13
T13A
75
620
1.8k
0.01
µF
0.1
µF
T18
T18A
620
T10
T10A
75
0.01
µF
T7
T9
T7A
620
T11
T12
T11A
620
0.1
µF
T1
T1A
620
0.1
µF
T2
T2A
T15
T15A
620
0.1
µF
T16
T16A
T20
T19
T21
T22
620
T36A
T36
620
T37A
T37
T35
T25A
T25
75
75
1.8k
T26A
T26
ICCV1
AM
AM
AM
VM
10k
100
µH
T30A
T30
10k
10k
1
µF
T40A
T40
10k
10k
1
µF
T42A
T42
10k
1
µF
T43A
T43
10k
T31A
T31
ICCV2
AM
AM
IDR
AM
VHFSS,VMFSS,VLFSS
Icutoff
IDR
1.8k
T4
AM
IDR
1.8k
T3
AM
IDR
VCCA(12V)
VCCV(5V)
VCCRL(5 to 13V)
ICCA
CLOCK
DATA
open
T8
open
2.2k
2.2k
1
µF
1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl