Selected language     English  ▼


LA73026AV Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA73026AV
Description  Double Scart Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 5 page
background image
LA73026AV
No.A0239-5/13
Pin Function
Pin No.
Pin name
Function
DC voltage
Equivalent circuit
1
2
10
11
15
16
33
34
36
37
AIN1R
AIN1L
AIN2R
AIN2L
AIN3R
AIN3L
AIN4L
AIN4R
AIN5L
AIN5R
Audio input terminal.
5.58V
3
4
19
35
EXTCTL1
EXTCTL2
EXTCTL3
EXTCTL4
General purpose output.
Open collector.
2.5mA, ON
→ 0.75V
OFF
→ OPEN
Video output terminal.
Push-pull output Low-impedance.
1.10V
5
VOUT
6
17
27
32
38
GND
GND
GND
GND
GND
(EXT-75
Ω Driver)
(DEC-75
Ω Driver)
0V
Continued on next page.
200
REG10.5V
PGND
AIN
ICmax=2.5mA
VCCmax=13V
SGND
VCC(5V)
EXTCTL
VCC(5V)
SGND
VOUT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl