Selected language     English  â–¼


LA73026AV Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA73026AV
Description  Double Scart Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 6 page
background image
LA73026AV
No.A0239-6/13
Continued from preceding page.
Pin No.
Pin name
Function
DC voltage
Equivalent circuit
Video input terminal.
Sync-tip clamp input
Hi-impedance.
1.8V
7
13
18
23
28
VIN1
VIN2
VIN3
VIN4
VIN5
8
PWRSAV
Power save mode select pin.
OPEN: L
0.2V
9
AUMUTE
Control terminal for audio mute.
OPEN: LOW
0.05V
12
REFFIL
Terminal for Ref_DC ripple
removing.
4.94V
14
VCC12
VCC for audio.
Continued on next page.
200
Ω
VIN
SGND
VCC(5V)
PWRSAV
SGND
VCC(5V)
AMUTE
SGND
VCC(5V)
12.0V
VCC12
Buffer
to Audio VCC(10.5V)
to Audio Ref DC(5.0V)
REFFIL
PGND




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl