Selected language     English  ▼


LA73031V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA73031V
Description  For DVD Recorder Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
71906 MS OT B8-7234 No.A0240-1/10
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA73031V
Overview
This LA73031V is a video signal input switch for DVD recorder.
Functions
• Six input switches × one channel
• Five input switches × two channels
• Keyed clamp
• 6dB amplifier
• 6MHz low pass filter
• Video signal detection
• Composite sync output
• Standby mode
Specifications
Maximum Ratings at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 75°C
780
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
∗ When mounted on a 114.3×76.1×1.6mm3 glass epoxy resin.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommending operation voltage
VCC
5.0
V
Operating voltage range
VCC opr
4.75 to 5.25
V
Input pin voltage application range
VIN
-0.3 to VCC opr + 0.3
V
Ordering number : ENA0240
Monolithic Linear IC
For DVD Recorder
Video Signal Input Switch




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl