Selected language     English  ā–¼


LA73054 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA73054
Description  For DVD Player Video Signal Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 7 page
background image
LA73054
No.A0245-7/12
Pin Functions
Pin
No.
Pin Name
I/O
Terminal
Voltage
Conditions
Equivalent Circuit
1
24
34
VCC1
VCC22
VCC21
P
5V
VCC
2
COMPOSITE.IN
I
2.3V
When selecting Y/C-MIX off and
gain (L)
3
4
5
9
10
12
13
15
19
35
36
SQUEEZE.SW
LETTER-BOX.SW
MUTE.SW1
Y/C-MIX.SW
RGB.SW
MUTE.SW2
LPF.SW
AMP.SW2
DRIVE.SW2
DRIVE.SW1
AMP.SW1
I
2V
OPEN
6
CHROMA.IN
I
2.8V
Always
7
17
20
22
26
27
29
32
GND11
GND12
GND26
GND25
GND24
GND23
GND22
GND21
P
0V
GND
8
Y.IN1
I
2.3V
When selecting gain (L)
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl