Selected language     English  ā–¼


LA73054 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA73054
Description  For DVD Player Video Signal Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 8 page
background image
LA73054
No.A0245-8/12
Continued from preceding page.
Pin
No.
Pin Name
I/O
Terminal
Voltage
Conditions
Equivalent Circuit
11
Y.IN2
I
2.3V
When selecting component and
gain (L)
14
16
Cb.IN
Cr.IN
I
2.9V
When selecting gain (L)
18
REG
O
2V
470
ĀµF toward to GND.
21
23
Cr.OUT
Cb.OUT
2.5V
25
28
33
Y.OUT2
Y.OUT1
COMPOSITE.OUT
O
1.35V
Except mute
30
C_DC.OUT
O
4.4V
When squeeze mode
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl