Selected language     English  ▼


LA73054 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA73054
Description  For DVD Player Video Signal Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
83006 / 42606 MS OT B8-6940,B8-6203 No.A0245-1/12
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA73054
Overview
The LA73054 is a video signal driver for DVD player.
Functions
• 6 Channel
• Clamp
• Amplifier
• 75Ω driver
• Y/C-MIX
• Output Mute
• DC voltage output for S1 and S2
• 7MHz/14MHz LPF
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 75°C *
800
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
* Mounted on a board : 114.3
×76.1×1.6mm3, glass epoxy board.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage range
VCC opg
4.75 to 5.25
V
Input pin voltage application range
VIN
VCC opg + 0.3 ≤ 7V
-0.3 to VCC opg + 0.3
V
Ordering number : ENA0245
Monolithic Linear IC
For DVD Player
Video Signal Driver




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl