Selected language     English  ā–¼


LA73054 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA73054
Description  For DVD Player Video Signal Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
LA73054
No.A0245-3/12
Continued from preceding page.
Input Signal
Ratings
Control Voltage Unit : V
SW Control
Parameter
Symbol
Point
Signal
Freq
[Hz]
Ampli-
tude
[p-p]
Output
Point
Test Conditions
min
typ
max Unit
V3
V4
V5
V9 V10 V12 V13 V15 V36 S21
S23
S25
S28
S31
S33
F25L2
VIN11 SG1
14M
1V
T25
-1.9 -0.7
0.5
dB
0
0
0
0
3.3
0
0
ON
ON
F23L2
VIN14 SG4
14M
1V
T23
f characteristic
of GAIN 14MHz
Attenuation
amount
F21L2
VIN16 SG4
14M
1V
T21
F25H2
VIN11 SG1
54M
1V
T25
-39
-30
dB
0
0
0
0
3.3
0
0
ON
ON
F23H2
VIN14 SG4
54M
1V
T23
f characteristic
of GAIN 54MHz
Attenuation
amount
F21H2
VIN16 SG4
54M
1V
T21
Measure GAIN for input
at each output and
calcualte the attenuation
amount for "6dB GAIN."
V21MD
T21
2.1
2.5
2.9
V
3.3
0
0
0
0
0
0
ON
ON
V23MD
T23
V25MD
T25
V28MD
T28
0
3.3
V31MD
T31
MUTE voltage
V33MD
T33
Measure the pin voltage.
DC for SQ
VSQ
T30
4.1
4.4
4.7
V
3.3
0
0
0
0
0
0
0
0
ON
ON
DC for LB
VLB
T30
2.05
2.2 2.35
V
0
3.3
0
0
0
0
0
0
0
ON
ON
DC for 4 : 3
V43
T30
Measure the pin voltage
at VCC =
4.75 to 5.25V
0
0 0.35
V
0
0
0
0
0
0
0
0
0
ON
ON




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl