Selected language     English  â–¼


LA73054 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA73054
Description  For DVD Player Video Signal Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 5 page
background image
LA73054
No.A0245-5/12
Package Dimensions
unit : mm
3247A
Control Pin Function Table
Pin No.
Control
0 to 0.7V (LOW)
2.6 to 5V (HIGH)
36
AMP-GAIN changeover for composite/S
6dB
9dB
15
AMP-GAIN changeover for component
6dB
9dB
35
Drive current changeover for composite/S
Two-system drive
Single-system drive
19
Drive current changeover for component
Two-system drive
Single-system drive
With pin 10 at LOW
No mute
Mute of pins 33, 31, and 28
5
Mute control for composite/S
With pin 10 at HIGH
No mute
Mute of pins 31 and 28
12
Component mute control
No mute
Mute of pins 25, 32, and 21
9
Y/C-MIX control
At composite
At Y/C-MIX
10
Pin 11 input form changeover
Clamp input
Pedestal clamp input
13
Component LPF characteristics changeover
Interlace compatible
Progressive compatible
* Pin 2 is connected to GND at Y/C-MIX.
Pin 3
Pin 4
Pin 30 output DC
0 to 0.7V
0 to 0.7V
LOW (0V)
→ For 4:3 mode
0 to 0.7V
2.6 to 5V
MIDDLE (2.2V)
→ For the letter box mode
2.6 to 5V
0 to 0.7V
HIGH (5V)
→ For the squeeze mode
2.6 to 5V
2.6 to 5V
Prohibited
* The voltage to be applied to all control pins must not be higher than the one applied to VCC and lower than the one applied to GND.
* All of control pins must not be used in the OPEN state.
SANYO : SSOP36(275mil)
1
36
18
19
0.8
15.0
0.2
0.3
(0.7)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl