Electronic Components Datasheet Search |
|
BZM55C13 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
BZM55C13 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page BZM55-Series Document Number 85597 Rev. 2.0, 26-Aug-10 Vishay Semiconductors www.vishay.com 1 9612315 For technical questions within your region, please contact one of the following: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com Small Signal Zener Diodes Features • Saving space • Hermetic sealed parts • Electrical data identical with the devices BZT55..Series/TZM..Series • Fits onto SOD-323/SOD-110 footprints • Very sharp reverse characteristic • Low reverse current level • Very high stability •Low noise • Available with tighter tolerances • AEC-Q101 qualified • Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC • Halogen-free according to IEC 61249-2-21 definition Applications • Voltage stabilization Mechanical Data Case: MicroMELF Weight: approx. 12 mg Packaging codes/options: TR/2.5 k per 7" reel, 12.5 k/box TR3/10 k per 13" reel, 10 k/box Absolute Maximum Ratings Tamb = 25 °C, unless otherwise specified Thermal Characteristics Tamb = 25 °C, unless otherwise specified Electrical Characteristics Tamb = 25 °C, unless otherwise specified Parameter Test condition Symbol Value Unit Power dissipation RthJA ≤ 300 K/W PV 500 mW Z-current IZ PV/VZ mA Junction temperature Tj 175 °C Storage temperature range Tstg - 65 to + 175 °C Parameter Test condition Symbol Value Unit Junction to ambient air Mounted on epoxy-glass hard tissue, fig. 1 RthJA 500 K/W Junction tie point 35 µm copper clad, 0.9 mm2 copper area per electrode RthJL 300 K/W Parameter Test condition Symbol Min. Typ. Max. Unit Forward voltage IF = 200 mA VF 1.5 V |
Similar Part No. - BZM55C13 |
|
Similar Description - BZM55C13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |