Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04P7V8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZW04P7V8
Description  TransZorb Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW04P7V8 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZW04P7V8 Datasheet HTML 1Page - Vishay Siliconix BZW04P7V8 Datasheet HTML 2Page - Vishay Siliconix BZW04P7V8 Datasheet HTML 3Page - Vishay Siliconix BZW04P7V8 Datasheet HTML 4Page - Vishay Siliconix BZW04P7V8 Datasheet HTML 5Page - Vishay Siliconix BZW04P7V8 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BZW04P-5V8 thru BZW04-376
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jul-11
3
Document Number: 88316
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
(4) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
Note
(1) AEC Q101 qualified
BZW04P70
BZW04P70B
77.9
90.2
1.0
70.1
1.0
3.5
113
0.105
BZW04-70
BZW04-70B
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
BZW04P78
BZW04P78B
86.5
100
1.0
78.0
1.0
3.2
125
0.105
BZW04-78
BZW04-78B
86.5
95.5
1.0
78.0
1.0
3.2
125
0.105
BZW04P85
BZW04P85B
95.0
110
1.0
85.5
1.0
2.9
137
0.106
BZW04-85
BZW04-85B
95.0
105
1.0
85.5
1.0
2.9
137
0.106
BZW04P94
BZW04P94B
105
121
1.0
94.0
1.0
2.6
152
0.107
BZW04-94
BZW04-94B
105
116
1.0
94.0
1.0
2.6
152
0.107
BZW04P102
BZW04P102B
114
132
1.0
102
1.0
2.4
165
0.107
BZW04-102
BZW04-102B
114
126
1.0
102
1.0
2.4
165
0.107
BZW04P110
BZW04P110B
124
143
1.0
111
1.0
2.2
179
0.107
BZW04-110
BZW04-110B
124
137
1.0
111
1.0
2.2
179
0.107
BZW04P128
BZW04P128B
143
165
1.0
128
1.0
2.0
207
0.108
BZW04-128
BZW04-128B
143
158
1.0
128
1.0
2.0
207
0.108
BZW04P136
BZW04P136B
152
176
1.0
136
1.0
1.8
219
0.108
BZW404-136
BZW404-136B
152
168
1.0
136
1.0
1.8
219
0.108
BZW04P145
BZW04P145B
161
187
1.0
145
1.0
1.7
234
0.108
BZW04-145
BZW04-145B
161
179
1.0
145
1.0
1.7
234
0.108
BZW04P154
BZW04P154B
171
198
1.0
154
1.0
1.6
246
0.108
BZW04-154
BZW04-154B
171
189
1.0
154
1.0
1.6
246
0.108
BZW04P171
BZW04P171B
190
220
1.0
171
1.0
1.5
274
0.108
BZW04-171
BZW04-171B
190
210
1.0
171
1.0
1.5
274
0.108
BZW04P188
BZW04P188B
209
242
1.0
188
1.0
1.4
301
0.108
BZW04-188
BZW04-188B
209
231
1.0
188
1.0
1.4
301
0.108
BZW04P213
BZW04P213B
237
275
1.0
213
1.0
1.2
344
0.110
BZW04-213
BZW04-213B
237
263
1.0
213
1.0
1.2
344
0.110
BZW04P239
BZW04P239B
266
308
1.0
239
1.0
1.1
384
0.110
BZW04-239
BZW04-239B
266
294
1.0
239
1.0
1.1
384
0.110
BZW04P256
BZW04P256B
285
330
1.0
256
1.0
1.0
414
0.110
BZW04-256
BZW04-256B
285
315
1.0
256
1.0
1.0
414
0.110
BZW04P273
BZW04P273B
304
352
1.0
273
1.0
0.90
438
0.110
BZW04-273
BZW04-273B
304
336
1.0
273
1.0
0.90
438
0.110
BZW04P299
BZW04P299B
332
385
1.0
299
1.0
0.80
482
0.110
BZW04-299
BZW04-299B
332
368
1.0
299
1.0
0.80
482
0.110
BZW04P342
BZW04P342B
380
440
1.0
342
1.0
0.75
548
0.110
BZW04-342
BZW04-342B
380
420
1.0
342
1.0
0.75
548
0.110
BZW04P376
BZW04P376B
418
484
1.0
376
1.0
0.67
603
0.110
BZW04-376
BZW04-376B
418
462
1.0
376
1.0
0.67
603
0.110
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BZW04P10-E3/54
0.350
54
550
13" diameter paper tape and reel
BZW04P10HE3/54 (1)
0.350
54
550
13" diameter paper tape and reel
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART NUMBER
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (4) ( A)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF
VBR (%/°C)
UNI-DIRECTIONAL
BI-DIRECTIONAL
MIN.
MAX.


Similar Part No. - BZW04P7V8

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZW04P7V8 EIC-BZW04P7V8 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
BZW04P7V8 GE-BZW04P7V8 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
BZW04P7V8 DBLECTRO-BZW04P7V8 Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P7V8 BILIN-BZW04P7V8 Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04P7V8 VISHAY-BZW04P7V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - BZW04P7V8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com