Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA75521VA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA75521VA
Description  IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75521VA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA75521VA Datasheet HTML 1Page - Sanyo Semicon Device LA75521VA Datasheet HTML 2Page - Sanyo Semicon Device LA75521VA Datasheet HTML 3Page - Sanyo Semicon Device LA75521VA Datasheet HTML 4Page - Sanyo Semicon Device LA75521VA Datasheet HTML 5Page - Sanyo Semicon Device LA75521VA Datasheet HTML 6Page - Sanyo Semicon Device LA75521VA Datasheet HTML 7Page - Sanyo Semicon Device LA75521VA Datasheet HTML 8Page - Sanyo Semicon Device LA75521VA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LA75521VA
No.A1004-2/13
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC
6V
Allowable power dissipation
Pd max
Ta
≤ 70°C, Mounted on a specified board.*
640
mW
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-55 to +150
°C
*: Mounted on a specified board: 76.1mm
×114.3mm×1.6mm, glass epoxy board
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage
VCC op
4.5 to 5.5
V
Electrical Characteristics at Ta = 25
°C, VCC = 5.0V, fp = 38.9MHz
Ratings
Parameter
Symbol
Conditions
No.
min
typ
max
Unit
VIF block
Circuit current
I4
V1
75
85
95
mA
Max RF AGC voltage
V14H
V2
4.0
4.5
5.0
V
Min RF AGC voltage
V14L
V3
0.0
0.5
1.0
V
Input sensitivity
Vi
Video out 2
V4
26
32
38
dB
μV
AGC range
GR
V5
58
63
dB
Max allowable input
Vi max
V6
95
100
dB
μV
Quiescent video output voltage
V5
V7
2.2
2.5
2.8
V
Sync signal edge voltage
V5 tip
V8
0.8
1.0
1.2
V
Video output level
VO
V9
1.0
1.2
1.4
Vp-p
Black noise threshold voltage
VBTH
V10
0.5
0.8
1.1
V
Black noise clamp voltage
VBCL
V11
1.2
1.5
1.8
V
Video S/N
S/N
B/G
V12
46
50
dB
C-S best
IC-S
P/S = 10dB
V13
38
43
dB
Differential gain
DG
VIN = 80dBμ
V14
3
6.5
%
Differential phase
DP
V15
3
5
deg
Quiescent AFT voltage
V12
15pin to VCC
V16
2.0
2.5
3.0
V
Max AFT voltage
V12H
LOAD 22k
Ω/22kΩ
V17
4
4.5
5
V
Min AFT voltage
V12L
LOAD 22k
Ω/22kΩ
V18
0
0.5
1
V
AFT sensitivity
SF
LOAD 22k
Ω/22kΩ
V19
8.5
12.5
16.5
mV/kHz
APC pull-in range (U)
Fpu
V20
2.0
2.4
MHz
APC pull-in range (L)
Fpl
V21
-2.4
-2.0
MHz
VCO control sensitivity
β
V22
3
6
12
kHz/mV
VIF input resistance
Ri
38.9MHz
V23
1.0
1.5
k
Ω
VIF input capacity
Ci
38.9MHz
V24
3
6
pF
N trap1 (4.5M)
NT1
wrt 1MHz
V25
-30
-35
dB
N trap2 (4.8M)
NT2
wrt 1MHz
V26
-19
-24
dB
BG trap1 (5.5M)
BT1
wrt 1MHz
V27
-27
-32
dB
BG trap2 (5.85M)
BT2
wrt 1MHz
V28
-20
-25
dB
I trap1 (6.0M)
IT1
wrt 1MHz
V29
-25
-30
dB
I trap2 (6.55M)
IT2
wrt 1MHz
V30
-15
-20
dB
DK trap1 (6.5M)
DT1
wrt 1MHz
V31
-25
-30
dB
Group delay 1 NTSC (3.0M)
NGD1
wrt 1MHz
V32
30
80
145
ns
Group delay 1-1 NTSC (3.5M)
NGD1-1
wrt 1MHz
V33
110
200
290
ns
Group delay 2 BG (4M)
BGD2
wrt 1MHz
V34
50
130
210
ns
Group delay 2-1 BG (4.4M)
BGD2-1
wrt 1MHz
V35
120
200
280
ns
Continued on next page.


Similar Part No. - LA75521VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75520KVA SANYO-LA75520KVA Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
More results

Similar Description - LA75521VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75520KVA SANYO-LA75520KVA Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
LA7583 SANYO-LA7583 Datasheet
207Kb / 15P
   IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7530N SANYO-LA7530N Datasheet
87Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VTR Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com