Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA75676V Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA75676V
Description  For TV and VCR Products IF Signal Processor (VIFSIF)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75676V Datasheet(HTML) 9 Page - Sanyo Semicon Device

  LA75676V Datasheet HTML 1Page - Sanyo Semicon Device LA75676V Datasheet HTML 2Page - Sanyo Semicon Device LA75676V Datasheet HTML 3Page - Sanyo Semicon Device LA75676V Datasheet HTML 4Page - Sanyo Semicon Device LA75676V Datasheet HTML 5Page - Sanyo Semicon Device LA75676V Datasheet HTML 6Page - Sanyo Semicon Device LA75676V Datasheet HTML 7Page - Sanyo Semicon Device LA75676V Datasheet HTML 8Page - Sanyo Semicon Device LA75676V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LA75676V
PS No.A0831-9/9
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
S3. AM rejection ratio • • • • [AMR]
1. External AGC. Apply the VCC voltage to the IF AGC (pin 17).
2. fs = 4.5MHz, fm = 400Hz, AM = 30% (SIF input, Vi = 90dB
µV)
3. Measure the output voltage at test point D. • • • VAM
4. AMR = 20log
dB
S5. SIF signal-to-noise ratio • • • • [S/N]
1. External AGC (V17 = VCC)
2. fs = 4.5MHz, no modulation, Vi = 100mVrms
3. Measure the output voltage at test point D. • • • • Vn
4. S/N = 20log
dB
S6. 4.5MHz output level • • • • [S/N]
1. External AGC (V17 = VCC)
2. fs = 4.5MHz, no modulation, Vi = 10mVrms
3. Measure the output voltage at test point E. • • • • Vsout
Note 1. Unless specified otherwise, when measuring VIF, apply the VCC voltage to the AGC and adjust the VCO coil
so that it oscillates at 45.75MHz.
Note 2. Unless specified otherwise, switch SW1 must be in the on position.
This catalog provides information as of April, 2007. Specifications and information herein are subject
to change without notice.
VO(DET)
VAM
VO(DET)
Vn


Similar Part No. - LA75676V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results

Similar Description - LA75676V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
logo
Panasonic Semiconductor
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
logo
Sanyo Semicon Device
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com