Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10VT80 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # S10VT80
Description  3 Phase Bridge Diode(800V 10A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S10VT80 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  S10VT80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S10VT80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S10VT80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S10VT80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S10VT80 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Forward Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.1
1
10
S10VTx
Pulse measurement per diode
Tc=150
°C [TYP]
Tc=25
°C [TYP]
Forward Voltage VF [V]


Similar Part No. - S10VT80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S10VT60 SHINDENGEN-S10VT60 Datasheet
273Kb / 5P
   3 Phase Bridge Diode(600V 10A)
S10VT60 SHINDENGEN-S10VT60_17 Datasheet
457Kb / 4P
   3 Phase Bridge Diode
S10VTA60 SHINDENGEN-S10VTA60 Datasheet
267Kb / 5P
   3 Phase Bridge Diode(600V 10A)
S10VTA60 SHINDENGEN-S10VTA60_17 Datasheet
461Kb / 4P
   3 Phase Bridge Diode
S10VTA80 SHINDENGEN-S10VTA80 Datasheet
269Kb / 5P
   3 Phase Bridge Diode(800V 10A)
More results

Similar Description - S10VT80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S10VTA80 SHINDENGEN-S10VTA80 Datasheet
269Kb / 5P
   3 Phase Bridge Diode(800V 10A)
S20VTA80 SHINDENGEN-S20VTA80 Datasheet
275Kb / 5P
   3 Phase Bridge Diode(800V 20A)
S30VT80 SHINDENGEN-S30VT80 Datasheet
274Kb / 5P
   3 Phase Bridge Diode(800V 30A)
S30VTA80 SHINDENGEN-S30VTA80 Datasheet
275Kb / 5P
   3 Phase Bridge Diode(800V 30A)
S20VT80 SHINDENGEN-S20VT80 Datasheet
244Kb / 5P
   3 Phase Bridge Diode(800V 20A)
S10VT60 SHINDENGEN-S10VT60 Datasheet
273Kb / 5P
   3 Phase Bridge Diode(600V 10A)
S10VTA60 SHINDENGEN-S10VTA60 Datasheet
267Kb / 5P
   3 Phase Bridge Diode(600V 10A)
S20VTA60 SHINDENGEN-S20VTA60_17 Datasheet
419Kb / 4P
   3 Phase Bridge Diode
logo
SanRex Corporation
DFA200CB SANREX-DFA200CB Datasheet
865Kb / 3P
   3-PHASE DIODE BRIDGE
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80_17 Datasheet
463Kb / 4P
   3 Phase Bridge Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com