Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1845 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1845
Description  PWM Current Controlling Stepping Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1845 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1845_06 Datasheet HTML 1Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 2Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 3Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 4Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 5Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 6Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 7Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 8Page - Sanyo Semicon Device LB1845_06 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LB1845
No.5505-5/9
Pin Description
Pin No
Pin
Function
1, 14
VBB
Output stage power-supply voltage
2
13
SENSE1
SENSE2
Set current detection pins.
Connect these pins, fed back through noise filters, to E1 and E2.
3
12
E1
E2
The set current is controlled by the resistors Re inserted between these pins and ground.
4, 11
D-GND
Internal diode anode connection
6
7
8
9
OUT1B
OUT1A
OUT2B
OUT2A
Outputs
15
GND
Ground
27
16
RC1
RC2
Used to set the output off time for the switched output signal.
The fixed off times are set by the capacitors and resistors connected to these pins. toff = CR.
26
17
VREF1
VREF2
Output current settings
The output current is determined by the voltage (in the range 1.5 to 7.5V) input to these pins.
25
18
PHASE1
PHASE2
Output phase switching inputs.
High-level input: OUTA = high, OUTB = low
Low-level input: OUTA = low, OUTB = high
24
19
ENABLE1
ENABLE2
Output on/off settings
High-level input: output off
Low-level input: output on
22, 23
21, 20
I01, I11
I02, I12
Digital inputs that set the output current
The output currents can be set to 1/3, 2/3, or full by setting these pins to appropriate combinations of high and low levels.
28
VCC
Logic block power supply
Timing chart for pin switching operations during PWM drive
Figure 1 Switching Waveforms
toff: Output off time. Determined by external capacitor and resistor Ct and Rt. (toff ≈ Ct × Rt)
td: Delay time between the point the set current is sensed at the SENSE pin and the point the output turns off.
ILB00884
RC pin
E pin
SENSE pin
VOUT pin
td
Spike noise
toff


Similar Part No. - LB1845_06

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
   PWM Current Controlling Stepping Motor Driver
More results

Similar Description - LB1845_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1845 ONSEMI-LB1845 Datasheet
90Kb / 9P
   PWM Current Controlling Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
   PWM Current Controlling Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com