Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWR16FH335MBAA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CWR16FH335MBAA
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16FH335MBAA Datasheet(HTML) 4 Page - Vishay Siliconix

  CWR16FH335MBAA Datasheet HTML 1Page - Vishay Siliconix CWR16FH335MBAA Datasheet HTML 2Page - Vishay Siliconix CWR16FH335MBAA Datasheet HTML 3Page - Vishay Siliconix CWR16FH335MBAA Datasheet HTML 4Page - Vishay Siliconix CWR16FH335MBAA Datasheet HTML 5Page - Vishay Siliconix CWR16FH335MBAA Datasheet HTML 6Page - Vishay Siliconix CWR16FH335MBAA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CWR16
www.vishay.com
Vishay Sprague
Revision: 31-Aug-11
4
Document Number: 40094
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15 VDC AT + 85 ºC; 10 VDC AT + 125 ºC
1.0
A
CWR16H(1)105(2)(3)A(4)(5)
1
10
12
6
8
8
15
1.5
A
CWR16H(1)155(2)(3)A(4)(5)
1
10
12
6
8
8
15
2.2
A
CWR16H(1)225(2)(3)A(4)(5)
1
10
12
6
8
8
15
3.3
B
CWR16H(1)335(2)(3)B(4)(5)
1
10
12
6
8
8
9
4.7
B
CWR16H(1)475(2)(3)B(4)(5)
1
10
12
6
8
8
5
4.7
C
CWR16H(1)475(2)(3)C(4)(5)
1
10
12
6
8
8
5.5
4.7
D
CWR16H(1)475(2)(3)D(4)(5)
1
10
12
6
8
8
6
6.8
D
CWR16H(1)685(2)(3)D(4)(5)
1
10
12
6
8
8
6
6.8
E
CWR16H(1)685(2)(3)E(4)(5)
1
10
12
8
10
12
3
10
D
CWR16H(1)106(2)(3)D(4)(5)
2
20
24
6
8
8
6
10
E
CWR16H(1)106(2)(3)E(4)(5)
2
20
24
6
8
8
4
15
E
CWR16H(1)156(2)(3)E(4)(5)
2
20
24
6
8
8
4
15
F
CWR16H(1)156(2)(3)F(4)(5)
2
20
24
8
10
10
3
22
F
CWR16H(1)226(2)(3)F(4)(5)
3
30
36
8
10
10
3
33
F
CWR16H(1)336(2)(3)F(4)(5)
5
50
60
6
8
8
3
33
G
CWR16H(1)336(2)(3)G(4)(5)
6
60
72
8
10
10
1.1
47
G
CWR16H(1)476(2)(3)G(4)(5)
10
100
120
8
10
10
1.1
47
H
CWR16H(1)476(2)(3)H(4)(5)
10
100
120
8
10
10
0.9
68
G
CWR16H(1)686(2)(3)G(4)(5)
10
100
120
8
10
10
1.1
68
H
CWR16H(1)686(2)(3)H(4)(5)
10
100
120
8
10
10
0.9
100
H
CWR16H(1)107(2)(3)H(4)(5)
15
150
180
10
12
12
0.9
20 VDC AT + 85 ºC; 13 VDC AT + 125 ºC
0.68
A
CWR16J(1)684(2)(3)A(4)(5)
1
10
12
6
8
8
15
1.0
A
CWR16J(1)105(2)(3)A(4)(5)
1
10
12
6
8
8
15
1.5
B
CWR16J(1)155(2)(3)B(4)(5)
1
10
12
6
8
8
9
2.2
B
CWR16J(1)225(2)(3)B(4)(5)
1
10
12
6
8
8
9
3.3
D
CWR16J(1)335(2)(3)D(4)(5)
1
10
12
6
8
8
6
4.7
E
CWR16J(1)475(2)(3)E(4)(5)
1
10
12
6
8
8
6
6.8
E
CWR16J(1)685(2)(3)E(4)(5)
2
20
24
6
8
8
5
10
E
CWR16J(1)106(2)(3)E(4)(5)
2
20
24
6
8
8
5
10
F
CWR16J(1)106(2)(3)F(4)(5)
2
20
24
6
8
8
3
15
F
CWR16J(1)156(2)(3)F(4)(5)
3
30
36
6
8
8
3
22
G
CWR16J(1)226(2)(3)G(4)(5)
4
40
48
8
10
10
2.5
33
H
CWR16J(1)336(2)(3)H(4)(5)
6
60
72
8
10
10
0.9
47
H
CWR16J(1)476(2)(3)H(4)(5)
10
100
120
8
10
10
0.9
25 VDC AT + 85 ºC; 17 VDC AT + 125 ºC
0.47
A
CWR16K(1)474(2)(3)A(4)(5)
1
10
12
6
8
8
15
1.0
B
CWR16K(1)105(2)(3)B(4)(5)
1
10
12
6
8
8
10
2.2
D
CWR16K(1)225(2)(3)D(4)(5)
1
10
12
6
8
8
6
3.3
E
CWR16K(1)335(2)(3)E(4)(5)
1
10
12
6
8
8
4
6.8
F
CWR16K(1)685(2)(3)F(4)(5)
2
20
24
6
8
8
3
15
G
CWR16K(1)156(2)(3)G(4)(5)
4
40
48
6
8
8
1.4
22
G
CWR16K(1)226(2)(3)G(4)(5)
6
60
72
6
8
8
1.4
22
H
CWR16K(1)226(2)(3)H(4)(5)
6
60
72
6
8
8
0.9
33
H
CWR16K(1)336(2)(3)H(4)(5)
10
100
120
8
10
10
0.9
35 VDC AT + 85 ºC, 23 VDC AT + 125 ºC
0.33
A
CWR16M(1)334(2)(3)A(4)(5)
1
10
12
6
8
8
22
6.8
G
CWR16M(1)685(2)(3)G(4)(5)
3
30
36
6
8
8
1.5
10
H
CWR16M(1)106(2)(3)H(4)(5)
4
40
48
8
10
10
0.9
15
H
CWR16M(1)156(2)(3)H(4)(5)
6
60
72
6
8
8
0.9
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL (μA) AT
MAX. DF (%) AT
MAX. ESR
AT + 25 °C
100 kHz
(
)
+ 25 °C
+ 85 °C
+ 125 °C
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
Note
• Part number definitions:
(1) Termination finish: B, C, H
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, T
(4) Surge current: A, B, C, Z
(5) Packaging: Blank, /FA, /HR, /PR, /TR


Similar Part No. - CWR16FH335MBAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR16FB106J VISHAY-CWR16FB106J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR16FB107J VISHAY-CWR16FB107J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR16FB156J VISHAY-CWR16FB156J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR16FB157J VISHAY-CWR16FB157J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR16FB225J VISHAY-CWR16FB225J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
More results

Similar Description - CWR16FH335MBAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com