Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG202BDY-T1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG202BDY-T1
Description  Improved Quad CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG202BDY-T1 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG202BDY-T1 Datasheet HTML 3Page - Vishay Siliconix DG202BDY-T1 Datasheet HTML 4Page - Vishay Siliconix DG202BDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG202BDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG202BDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG202BDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG202BDY-T1 Datasheet HTML 9Page - Vishay Siliconix DG202BDY-T1 Datasheet HTML 10Page - Vishay Siliconix DG202BDY-T1 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Document Number: 70037
S11-0800-Rev. J, 25-Apr-11
www.vishay.com
7
Vishay Siliconix
DG201B, DG202B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 2. Switching Time
50 %
0 V
3 V
tOFF
tON
VO
tr < 20 ns
tf < 20 ns
Logic
Input
Switch
Output
90 %
CL
35 pF
RL
1 k
Ω
VO = VS
RL + RDS(on)
RL
VS = + 2 V
VO
V-
V+
IN
S
D
3 V
- 15 V
GND
+ 15 V
Figure 3. Off Isolation
S
IN
RL
D
Rg = 50 Ω
VS
VO
0 V, 2.4 V
Off Isolation = 20 log
VS
VO
V+
- 15 V
GND
V-
C
C
+ 15 V
Figure 4. Channel-to-Channel Crosstalk
IN1
VO
+ 15 V
- 15 V
GND
RL
V+
V-
NC
XTALK Isolation = 20 log
C
VS
C
VO
0 V, 2.4 V
50
Ω
VS
S1
IN2
S2
Rg = 50 Ω
D1
D2
C = RF bypass
0 V, 2.4 V
Figure 5. Charge Injection
CL
1000 pF
Vg
3 V
D
V+
V-
Rg
- 15 V
GND
IN
S
VO
+ 15 V
VO
ΔVO
INX
ON
ON
OFF
ΔVO = measured voltage error due to charge injection
The charge injection in coulombs is Q = CL x ΔVO


Similar Part No. - DG202BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG202BDY-T1 VISHAY-DG202BDY-T1 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG202BDY-T1-E3 VISHAY-DG202BDY-T1-E3 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG202BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com