Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG303B Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG303B
Description  CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG303B Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG303B Datasheet HTML 5Page - Vishay Siliconix DG303B Datasheet HTML 6Page - Vishay Siliconix DG303B Datasheet HTML 7Page - Vishay Siliconix DG303B Datasheet HTML 8Page - Vishay Siliconix DG303B Datasheet HTML 9Page - Vishay Siliconix DG303B Datasheet HTML 10Page - Vishay Siliconix DG303B Datasheet HTML 11Page - Vishay Siliconix DG303B Datasheet HTML 12Page - Vishay Siliconix DG303B Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Document Number: 71402
S11-0303-Rev. C, 28-Feb-11
www.vishay.com
9
Vishay Siliconix
DG300B, DG301B, DG302B, DG303B
APPLICATIONS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71402.
Figure 6. Low Power Instrumentation Amplifier with Digitally Selectable Inputs and Gain
Diff. IN B
+ 15 V
+ 15 V
Diff. IN A
DG301B
DG302B
GND
+ 15 V
- 15 V
- 15 V
+ 15 V
- 15 V
CMOS Logic
Input Select
High = Diff. IN B
CMOS Logic
Gain Select
High = AV = 101
R1
16 k
Ri1
1.5 k
R2
75 k
75 k
R2
75 k
R4
R6
75 k
VOUT
75 k
R5
67 k
R7
50 k
VOSNULL
Voltage gain of the instrumentation amplifier is:
AV = 1 +
(In the circuit shown, AV1 = 10.4, AV2 = 101)
2R2
R1
+


Similar Part No. - DG303B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303B VISHAY-DG303B Datasheet
62Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG303B VISHAY-DG303B Datasheet
211Kb / 14P
   CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG303BK MAXIM-DG303BK Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
DG303BWE MAXIM-DG303BWE Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
More results

Similar Description - DG303B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com