Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201BDQ-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG201BDQ-E3
Description  Improved Quad CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201BDQ-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG201BDQ-E3 Datasheet HTML 5Page - Vishay Siliconix DG201BDQ-E3 Datasheet HTML 6Page - Vishay Siliconix DG201BDQ-E3 Datasheet HTML 7Page - Vishay Siliconix DG201BDQ-E3 Datasheet HTML 8Page - Vishay Siliconix DG201BDQ-E3 Datasheet HTML 9Page - Vishay Siliconix DG201BDQ-E3 Datasheet HTML 10Page - Vishay Siliconix DG201BDQ-E3 Datasheet HTML 11Page - Vishay Siliconix DG201BDQ-E3 Datasheet HTML 12Page - Vishay Siliconix DG201BDQ-E3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 70037
S11-0800-Rev. J, 25-Apr-11
www.vishay.com
9
Vishay Siliconix
DG201B, DG202B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATIONS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70037.
Figure 8. A Precision Amplifier with Digitally Programable Input and Gains
Gain =
Gain 1 (x1)
Gain 2 (x10)
Gain 3 (x100)
Gain 4 (x1000)
+ 15 V
- 15 V
GND
DG419
30 pF
+ 15 V
+ 15 V
- 15 V
DG202B
Logic High = Switch On
+
-
LM101A
RF + RG
RG
VIN1
VIN2
CH
RF1
18 k
Ω
RF1
9.9 k
Ω
RF1
100 k
Ω
RG3
100
Ω
RG2
100
Ω
RG1
2 k
Ω
V +
V-
GND
V-
+ 5 V
VL


Similar Part No. - DG201BDQ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG201BDQ-E3 VISHAY-DG201BDQ-E3 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG201BDQ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com