Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWR16DB335JCAA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CWR16DB335JCAA
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16DB335JCAA Datasheet(HTML) 6 Page - Vishay Siliconix

  CWR16DB335JCAA Datasheet HTML 1Page - Vishay Siliconix CWR16DB335JCAA Datasheet HTML 2Page - Vishay Siliconix CWR16DB335JCAA Datasheet HTML 3Page - Vishay Siliconix CWR16DB335JCAA Datasheet HTML 4Page - Vishay Siliconix CWR16DB335JCAA Datasheet HTML 5Page - Vishay Siliconix CWR16DB335JCAA Datasheet HTML 6Page - Vishay Siliconix CWR16DB335JCAA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CWR16
www.vishay.com
Vishay Sprague
Revision: 31-Aug-11
6
Document Number: 40094
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Bulk capacitors are shipped in plastic trays
• T level capacitors are only shipped in tape and reel/or waffle packaging. Contact factory for waffle pack quantities.
STANDARD PACKAGING QUANTITY
CASE CODE
QUANTITY (PCS/REEL)
BULK, PLASTIC
TRAY QUANTITY
(PCS)
7", FULL REEL
(/TR)
7", HALF REEL
(/HR)
7", PARTIAL REEL
(/PR)
A, B, C, D, E
2500
1250
100
75
F
1000
500
100
75
G
600
300
100
60
H
600
300
100
50
PAD DIMENSIONS in inches [millimeters]
CASE CODE
WIDTH (A)
PAD METALLIZATION (B)
SEPARATION (C)
A
0.065 [1.6]
0.50 [1.3]
0.040 [1.0]
B
0.065 [1.6]
0.70 [1.8]
0.055 [1.4]
C
0.065 [1.6]
0.70 [1.8]
0.120 [3.0]
D
0.115 [2.9]
0.70 [1.8]
0.070 [1.8]
E
0.115 [2.9]
0.70 [1.8]
0.120 [3.0]
F
0.150 [3.8]
0.70 [1.8]
0.140 [3.6]
G
0.125 [3.2]
0.70 [1.8]
0.170 [4.3]
H
0.165 [4.2]
0.90 [2.3]
0.170 [4.3]
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT + 25 °C (W) IN FREE AIR
A
0.060
B, C
0.075
D, E
0.085
F
0.110
G
0.120
H
0.150
A
C
B
B


Similar Part No. - CWR16DB335JCAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR16DB335J VISHAY-CWR16DB335J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
More results

Similar Description - CWR16DB335JCAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com