Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG307BDJ-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG307BDJ-E3
Description  CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG307BDJ-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG307BDJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG307BDJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG307BDJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG307BDJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG307BDJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG307BDJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG307BDJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG307BDJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG307BDJ-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 71403
S11-0303-Rev. D, 28-Feb-11
www.vishay.com
5
Vishay Siliconix
DG304B, DG306B, DG307B
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SCHEMATIC DIAGRAM (Typical Channel)
TEST CIRCUITS
Supply Currents vs. Toggle Frequency
f - Frequency (Hz)
1 k
10 k
100 k
1 M
8
6
4
2
0
V+ = 15 V
RL =
CL = 0
VS = Open
Figure 1.
Level
Shift/
Drive
VIN
S
V+
GND
V-
D
V-
V+
Figure 2. Switching Time
VS = 3 V
RL
RL + rDS(on)
VO = VS
CL (includes fixture and stray capacitance)
V-
V+
IN
S
CL
33 pF
D
15 V
RL
300
VO
- 15 V
GND
+ 15 V
50 %
90 %
0 V
0 V
10 %
Logic
Input
Switch
Output
VS
VINH
tON
tOFF
Logic "1" = Switch On


Similar Part No. - DG307BDJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG307BDJ VISHAY-DG307BDJ Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
More results

Similar Description - DG307BDJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com