Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1980H Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1980H
Description  For VCR Capstan Motors 3-Phase Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1980H Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1980H Datasheet HTML 1Page - Sanyo Semicon Device LB1980H Datasheet HTML 2Page - Sanyo Semicon Device LB1980H Datasheet HTML 3Page - Sanyo Semicon Device LB1980H Datasheet HTML 4Page - Sanyo Semicon Device LB1980H Datasheet HTML 5Page - Sanyo Semicon Device LB1980H Datasheet HTML 6Page - Sanyo Semicon Device LB1980H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB1980H
No.5974-5/7
Pin Function
Pin No.
Pin Name
Function
Equivalent circuit
27
28
1
UOUT
VOUT
WOUT
U phase output, Spark killer diodes are built-in.
V phase output, Spark killer diodes are built-in.
W phase output, Spark killer diodes are built-in.
4
5
Rf
(SENSE)
Rf
(PWR)
Output current detection. The control block current limiter
operates using the resistor Rf connected between these
pins and ground. Also, the lower side saturation
prevention circuit and the torque ripple correction circuit
operate based on the voltages across this resistor. It is
especially important to note that, since the saturation
prevention level is set using this voltage, the lower side
saturation prevention circuit will become less effective in
the high current region if the value of Rf is lowered
excessively. Also, the PWR and SENSE pins must be
connected together.
22
VS
Output block power supply
150
µA
VS
VCC
OUT
Rf (PWR)
Rf (SENSE)
30k
200
200
Lower side saturation
prevention circuit input block
10
µA
VCC
22
1
28
27
24
4
5
GSENSE
Ground sensing. The influence of the common ground
impedance on Rf can be excluded by connecting this pin
to nearest ground for the Rf resistor side of the motor
ground wiring that includes Rf. (This pin must not be left
open.)
6
FR
Forward / reverse selection. The voltage applied to this
pin selects the motor direction (forward or reverse).
(Vth=2.5V at VCC=5V (typical))
23
ADJ
Used for external adjustment of the torque ripple
correction ratio. Apply a voltage externally with a
low-impedance circuit to the ADJ pin to adjust the
correction ratio. The correction ratio falls as the applied
voltage is increased, and increases as the applied voltage
decreases. The torque ripple correction ratio can be
modified by factors in the range 0 to 2 times the ratio that
applies when his pin is left open. (The pin voltage is set to
about VCC / 2 internally, and the input impedance is about
5k
Ω.)
200
µA
VCC
VCC
VCC
VCC
FR
200
1/2
VCC
10k
10k
6k
6k
500
10k
10k
ADJ
20
µA
6
23
7
GND
Ground for all circuits other than the output transistors.
The lowest potential of the output transistors is that of the
Rf pin.
8
FGIN-
Input used when the FG amplifier is used as an inverting
input. A feedback resistor must be connected between
FGOUT and this pin.
9
FGIN+
Non-inverting input used when the FG amplifier is used as
a differential input amplifier. No bias is applied internally.
5
µA
VCC
300
FGIN(+)
FGIN(−)
300
8
9
10
FGOUT
FG amplifier output. There is an internal resistive load.
14
FC
Speed control loop frequency characteristics correction.
VCC
VCC
FC
10k
2k
VCC
FGOUT
300
14
10
Continued on next page.


Similar Part No. - LB1980H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
logo
ON Semiconductor
LB1980H ONSEMI-LB1980H Datasheet
111Kb / 7P
   3-Phase Brushless Motor Driver
May, 2013
More results

Similar Description - LB1980H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB1952 SANYO-LB1952 Datasheet
214Kb / 11P
   3-Phase Brushless Motor Driver for VCR Capstans
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com