Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG333A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG333A
Description  Precision Quad SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG333A Datasheet(HTML) 3 Page - Vishay Siliconix

  DG333A Datasheet HTML 1Page - Vishay Siliconix DG333A Datasheet HTML 2Page - Vishay Siliconix DG333A Datasheet HTML 3Page - Vishay Siliconix DG333A Datasheet HTML 4Page - Vishay Siliconix DG333A Datasheet HTML 5Page - Vishay Siliconix DG333A Datasheet HTML 6Page - Vishay Siliconix DG333A Datasheet HTML 7Page - Vishay Siliconix DG333A Datasheet HTML 8Page - Vishay Siliconix DG333A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 70803
S11-0154-Rev. C, 31-Jan-11
www.vishay.com
3
Vishay Siliconix
DG333A, DG333AL
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VIN = 2.4 V or 0.8 V
e
Temp.a
Limits D Suffix
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
Full
V-
V+
V
Channel On-Resistance
RDS(on)
IS = - 10 mA, VD = ± 10 V
Room
Full
25
45
90
On-Resistance Flatness
IS = - 10 mA, VD = ± 5 V
V+ = 16.5 V, V- = - 16.5 V
Room
Full
3
5
RDS(on) Match Between Channels
f
R
DS(on)
IS = - 10 mA, VD = ± 10 V
Room
Full
2
4
Source Off Leakage Current
IS(off)
VD = 15.5 V, VS = 15.5 V
V+ = 16.5 V, V- = - 16.5 V
Room
Hot
- 0.25
- 20
0.25
20
nA
Channel On Leakage Current
ID(on)
VD = ± 15.5 V, VS(open) = ± 15.5 V
V+ = 16.5 V, V- = - 16.5 V
Room
Hot
- 0.75
- 60
0.75
60
Digital Control
Input Voltage High
VINH
Full
2.4
V
Input Voltage Low
VINL
Full
0.8
Input Current
IINL or IINH
VINH or VINL
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
See switching time test circuit see figure 2
Room
175
ns
Turn-Off Time
tOFF
Room
145
Break-Before-Make Time Delay
tD
See figure 3
Room
5
Charge Injectiond
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 
Room
10
pC
Off-Isolation
OIRR
RL = 75 CL = 5 pF
VD = 2.3 VRMS, f = 1 MHz
Room
72
dB
Channel-to-Channel Crosstalk
XTALK
Room
80
Off Capacitance
COFF
f = 1 MHz, VS = 0 V
Room
8
pF
Channel On Capacitance
CON
Room
12
Power Supplies
Positive Supply Current
I+
DG333A: VIN = 0 or 5 V
Room
200
µA
Negative Supply Current
I-
Room
- 1
Positive Supply Current
I+
DG333AL: VIN = 0 or 5 V, VL = 5 V
Room
1
Logic Supply Current
IL
Room
1
Negative Supply Current
I-
Room
- 1
Supply Voltage Range
V+/V-
Full
± 4
± 22
V


Similar Part No. - DG333A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333ADJ VISHAY-DG333ADJ Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADJ-E3 VISHAY-DG333ADJ-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333ADQ-T1-E3 VISHAY-DG333ADQ-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
More results

Similar Description - DG333A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
logo
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com