Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG309BDY-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG309BDY-E3
Description  Improved Quad CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG309BDY-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG309BDY-E3 Datasheet HTML 1Page - Vishay Siliconix DG309BDY-E3 Datasheet HTML 2Page - Vishay Siliconix DG309BDY-E3 Datasheet HTML 3Page - Vishay Siliconix DG309BDY-E3 Datasheet HTML 4Page - Vishay Siliconix DG309BDY-E3 Datasheet HTML 5Page - Vishay Siliconix DG309BDY-E3 Datasheet HTML 6Page - Vishay Siliconix DG309BDY-E3 Datasheet HTML 7Page - Vishay Siliconix DG309BDY-E3 Datasheet HTML 8Page - Vishay Siliconix DG309BDY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document Number: 70047
S11-0303-Rev. G, 28-Feb-11
www.vishay.com
5
Vishay Siliconix
DG308B, DG309B
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. VD and Power Supply Voltages
RDS(on) vs. VD and Single Power Supply Voltages
Leakage Currents vs. Temperature
- 20 - 16 - 12
- 8
- 4
0
4
8
12
16
20
40
50
60
70
80
90
100
110
± 5 V
VD - Drain Voltage (V)
± 10 V
± 15 V
± 20 V
30
20
10
02468
10
12
14
16
0
25
50
75
100
125
150
175
200
225
VD - Drain Voltage (V)
250
V+ = 5 V
7 V
10 V
12 V
15 V
- 55
25
45
5
- 15
65
- 35
85
105 125
V+ = 15 V
V- = - 15 V
VS, VD = ± 14 V
IS(off), ID(off)
1 nA
10 pA
1 pA
Temperature (°C)
100 pA
RDS(on) vs. VD and Temperature
Leakage Currents vs. Analog Voltage
QS, QD - Charge Injection vs. Analog Voltage
0
10
20
30
40
50
- 15
- 10
- 5
0
5
10
15
VD - Drain Voltage (V)
125 °C
85 °C
25 °C
- 55 °C
V+ = 15 V
V- = - 15 V
60
70
80
90
100
ID(on)
- 20
- 15
- 10
- 5
0
5
10
15
20
Analog Voltage
40
30
20
10
0
- 10
- 20
- 30
- 40
IS(off), ID(off)
V+ = 22 V
V- = - 22 V
TA = 25 °C
- 15
- 10
- 5
0
5
10
15
30
20
10
0
- 10
- 20
- 30
V+ = 15 V
V- = - 15 V
V+ = 12 V
V- = 0 V
Analog Voltage (V)


Similar Part No. - DG309BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309BDY-E3 VISHAY-DG309BDY-E3 Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
More results

Similar Description - DG309BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com