Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG401DJ-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG401DJ-E3
Description  Low-Power, High-Speed CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401DJ-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG401DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG401DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG401DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG401DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG401DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG401DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG401DJ-E3 Datasheet HTML 9Page - Vishay Siliconix DG401DJ-E3 Datasheet HTML 10Page - Vishay Siliconix DG401DJ-E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Document Number: 70049
S09-2561-Rev. I, 30-Nov-09
www.vishay.com
7
Vishay Siliconix
DG401, DG403, DG405
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SCHEMATIC DIAGRAM Typical Channel
Supply Current vs. Switching Frequency
Frequency (Hz)
100 mA
10 mA
1 mA
100 µA
10 µA
1 µA
100 nA
10 nA
10
100
1K
10K
100K
1M
10M
Figure 1.
Level
Shift/
Drive
VIN
VL
S
V+
GND
V–
D
V–
V+


Similar Part No. - DG401DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401DJ-E3 VISHAY-DG401DJ-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG401DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com