Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG308ADQ-T1-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG308ADQ-T1-E3
Description  Quad Monolithic SPST CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG308ADQ-T1-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG308ADQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG308ADQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG308ADQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG308ADQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG308ADQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG308ADQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG308ADQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG308ADQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG308ADQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Vishay Siliconix
Package Information
Document Number: 74417
23-Oct-06
www.vishay.com
1
Symbols
DIMENSIONS IN MILLIMETERS
Min
Nom
Max
A
-
1.10
1.20
A1
0.05
0.10
0.15
A2
-
1.00
1.05
B
0.22
0.28
0.38
C
-
0.127
-
D
4.90
5.00
5.10
E
6.10
6.40
6.70
E1
4.30
4.40
4.50
e-
0.65
-
L
0.50
0.60
0.70
L1
0.90
1.00
1.10
y-
-
0.10
θ10°
ECN: S-61920-Rev. D, 23-Oct-06
DWG: 5624
TSSOP: 16-LEAD


Similar Part No. - DG308ADQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308ADQ-T1-E3 VISHAY-DG308ADQ-T1-E3 Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
More results

Similar Description - DG308ADQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com