Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG309BDQ-T1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG309BDQ-T1
Description  Improved Quad CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG309BDQ-T1 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG309BDQ-T1 Datasheet HTML 5Page - Vishay Siliconix DG309BDQ-T1 Datasheet HTML 6Page - Vishay Siliconix DG309BDQ-T1 Datasheet HTML 7Page - Vishay Siliconix DG309BDQ-T1 Datasheet HTML 8Page - Vishay Siliconix DG309BDQ-T1 Datasheet HTML 9Page - Vishay Siliconix DG309BDQ-T1 Datasheet HTML 10Page - Vishay Siliconix DG309BDQ-T1 Datasheet HTML 11Page - Vishay Siliconix DG309BDQ-T1 Datasheet HTML 12Page - Vishay Siliconix DG309BDQ-T1 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 70047
S11-0303-Rev. G, 28-Feb-11
www.vishay.com
9
Vishay Siliconix
DG308B, DG309B
APPLICATIONS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70047.
Figure 8. Active Low Pass Filter with Digitally Selected Break Frequency
TTL
Control
150 pF
1500 pF
+ 15 V
DG309B
GND
30 pF
LM101A
+ 15 V
- 15 V
Frequency – Hz
1
10
100
1 k
10 k
100 k
1 M
- 40
0
160
120
80
fC4
Select
fC3
Select
fC2
Select
fC1
Select
R1 = 10 k
R2 = 10 k
R3 = 1 M
VOUT
V1
V-
C4
C3
C2
C1
0.015
μF
0.15 µF
- 15 V
-
+
40
fC1
fC2
fC3
fC4
fL1
fL2
fL3
fL4
AL (Voltage Gain Below Break Frequency) =
= 100 (40 dB)
R3
R1
fC (Break Frequency) =
1
2
R3CX
1
2
R1CX
fL (Unity Gain Frequency) =
Max Attenuation =
RDS(on)
10 k
- 40 dB


Similar Part No. - DG309BDQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309BDQ-T1 VISHAY-DG309BDQ-T1 Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG309BDQ-T1-E3 VISHAY-DG309BDQ-T1-E3 Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
More results

Similar Description - DG309BDQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com