Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S15WB60 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # S15WB60
Description  Bridge Diode(600V 15A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S15WB60 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  S15WB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
5
10
15
20
25
30
35
40
0
4
8
12
16
20
24
28
S15WBx
Forward Power Dissipation
Tj= 150
°C
Sine wave
SIN
Average Rectified Forward Current IO [A]


Similar Part No. - S15WB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15WB60 SHINDENGEN-S15WB60_17 Datasheet
431Kb / 4P
   Square In-line Package (Input/Output In-line Package)
More results

Similar Description - S15WB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15VB60 SHINDENGEN-S15VB60 Datasheet
262Kb / 5P
   Bridge Diode(600V 15A)
S15VT60 SHINDENGEN-S15VT60 Datasheet
271Kb / 5P
   3 Phase Bridge Diode(600V 15A)
S15VTA60 SHINDENGEN-S15VTA60 Datasheet
272Kb / 5P
   3 Phase Bridge Diode(600V 15A)
logo
Fairchild Semiconductor
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
167Kb / 6P
   15A, 600V Stealth??Diode
ISL9R1560PF2 FAIRCHILD-ISL9R1560PF2 Datasheet
138Kb / 6P
   15A, 600V Stealth Diode
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
   15A, 600V Stealth??Diode
RUR1S1560S FAIRCHILD-RUR1S1560S Datasheet
112Kb / 5P
   15A, 600V Ultrafast Diode
logo
Shindengen Electric Mfg...
S15VB20 SHINDENGEN-S15VB20 Datasheet
262Kb / 5P
   Bridge Diode(200V 15A)
S15WB20 SHINDENGEN-S15WB20 Datasheet
310Kb / 6P
   Bridge Diode(200V 15A)
logo
Fairchild Semiconductor
ISL9K1560G3 FAIRCHILD-ISL9K1560G3 Datasheet
146Kb / 6P
   15A, 600V Stealth??Dual Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com