Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG406B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG406B
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG406B Datasheet(HTML) 1 Page - Vishay Siliconix

  DG406B_11 Datasheet HTML 1Page - Vishay Siliconix DG406B_11 Datasheet HTML 2Page - Vishay Siliconix DG406B_11 Datasheet HTML 3Page - Vishay Siliconix DG406B_11 Datasheet HTML 4Page - Vishay Siliconix DG406B_11 Datasheet HTML 5Page - Vishay Siliconix DG406B_11 Datasheet HTML 6Page - Vishay Siliconix DG406B_11 Datasheet HTML 7Page - Vishay Siliconix DG406B_11 Datasheet HTML 8Page - Vishay Siliconix DG406B_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vishay Siliconix
DG406B, DG407B
Document Number: 72552
S11-0179-Rev. C, 07-Feb-11
www.vishay.com
1
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
FEATURES
Low on-resistance - RDS(on): 45 
Low charge injection - Q: 11 pC
Fast transition time - tTRANS: 115 ns
Low oower: 0.2 mW
Single supply capability
BENEFITS
Higher accuracy
Reduced glitching
Improved data throughput
Reduced power consumption
Increased ruggedness
Wide supply ranges: ± 5 V to ± 20 V
APPLICATIONS
Data acquisition systems
Audio signal routing
Medical instrumentation
ATE systems
Battery powered systems
High-rel systems
Single supply systems
DESCRIPTION
The
DG406B
is
a
16-channel
single-ended
analog
multiplexer designed to connect one of sixteen inputs to a
common output as determined by a 4-bit binary address. The
DG407B selects one of eight differential inputs to a common
differential output. Break-before-make switching action
protects against momentary shorting of inputs.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up
to the power supply rails. An enable (EN) function allows the
user to reset the multiplexer/demultiplexer to all switches off
for stacking several devices. All control inputs, address (Ax)
and enable (EN) are TTL compatible over the full specified
operating temperature range.
Applications for the DG406B, DG407B include high speed
data acquisition, audio signal switching and routing, ATE
systems, and avionics. High performance and low power
dissipation make them ideal for battery operated and remote
instrumentation applications.
Designed in the 44 V silicon-gate CMOS process, the
absolute maximum voltage rating is extended to 44 volts,
allowing operation with ± 20 V supplies. Additionally single
(12 V) supply operation is allowed. An epitaxial layer
prevents latchup.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
* Pb containing terminations are not RoHS compliant, exemptions may apply
V+
S11
S10
S9
NC
A3
D
S2
S1
GND
A1
A2
NC
Dual-In-Line and SOIC Wide-Body
A0
EN
V-
NC
S8
S16
S7
S15
S6
S14
S5
S13
S4
S12
S3
1
2
3
4
5
6
7
8
28
27
26
25
24
23
22
21
Top View
920
10
19
11
12
18
17
13
16
14
15
DG406B
Decoders/Drivers
DG407B
V+
S3b
S2b
S1b
NC
NC
Da
S2a
S1a
GND
A1
A2
Db
Dual-In-Line and SOIC Wide-Body
A0
EN
V-
NC
S8a
S8b
S7a
S7b
S6a
S6b
S5a
S5b
S4a
S4b
S3a
1
2
3
4
5
6
7
8
28
27
26
25
24
23
22
21
Top View
920
10
19
11
12
18
17
13
16
14
15
Decoders/Drivers


Similar Part No. - DG406B_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406BDJ VISHAY-DG406BDJ Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406BDJ-E3 VISHAY-DG406BDJ-E3 Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406BDN VISHAY-DG406BDN Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406BDN-T1-E3 VISHAY-DG406BDN-T1-E3 Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406BDW VISHAY-DG406BDW Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
More results

Similar Description - DG406B_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406DN-E3 VISHAY-DG406DN-E3 Datasheet
199Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com