Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG409DY Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG409DY
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409DY Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG409DY Datasheet HTML 6Page - Vishay Siliconix DG409DY Datasheet HTML 7Page - Vishay Siliconix DG409DY Datasheet HTML 8Page - Vishay Siliconix DG409DY Datasheet HTML 9Page - Vishay Siliconix DG409DY Datasheet HTML 10Page - Vishay Siliconix DG409DY Datasheet HTML 11Page - Vishay Siliconix DG409DY Datasheet HTML 12Page - Vishay Siliconix DG409DY Datasheet HTML 13Page - Vishay Siliconix DG409DY Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.vishay.com
Document Number: 70062
10
S11-0933-Rev. J, 16-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408, DG409
Vishay Siliconix
TEST CIRCUITS
Fig. 5 - Charge Injection
Fig. 6 - Off Isolation
Fig. 8 - Insertion Loss
Fig. 7 - Crosstalk
Fig. 9 - Source Drain Capacitance
A0
EN
A1
A2
VO
V+
GND
V-
D
- 15 V
+ 15 V
Rg
SX
CL
10 nF
Channel
Select
3 V
0 V
OFF
ON
Logic
Input
Switch
Output
ΔVO
ΔVO is the measured voltage due to charge transfer
error Q, when the channel turns off.
Q = CL x ΔVO
OFF
RL
1 k
Ω
VO
V+
GND
V-
- 15 V
+ 15 V
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 Ω
Off Isolation = 20 log
VOUT
VIN
VIN
RL
1 k
Ω
A2
VO
D
Rg = 50 Ω
Insertion Loss = 20 log
VOUT
A1
VIN
A0
VS
S1
V+
GND
V-
- 15 V
+ 15 V
EN
RL
1 k
Ω
VO
V+
GND
V-
- 15 V
+ 15 V
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 Ω
Crosstalk = 20 log
VOUT
VIN
VIN
S1
f = 1 MHz
S1
D
EN
+ 15 V
- 15 V
GND
V+
V-
Meter
HP4192A
Impedance
Analyzer
or Equivalent
S8
A1
A2
A0
Channel
Select


Similar Part No. - DG409DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409DY INTERSIL-DG409DY Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG409DY MAXIM-DG409DY Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
logo
Intersil Corporation
DG409DY INTERSIL-DG409DY Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Vishay Siliconix
DG409DY VISHAY-DG409DY Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
logo
Intersil Corporation
DG409DY INTERSIL-DG409DY Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results

Similar Description - DG409DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com