Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG411DY-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG411DY-T1
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG411DY-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG411DY-T1 Datasheet HTML 1Page - Vishay Siliconix DG411DY-T1 Datasheet HTML 2Page - Vishay Siliconix DG411DY-T1 Datasheet HTML 3Page - Vishay Siliconix DG411DY-T1 Datasheet HTML 4Page - Vishay Siliconix DG411DY-T1 Datasheet HTML 5Page - Vishay Siliconix DG411DY-T1 Datasheet HTML 6Page - Vishay Siliconix DG411DY-T1 Datasheet HTML 7Page - Vishay Siliconix DG411DY-T1 Datasheet HTML 8Page - Vishay Siliconix DG411DY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 70050
S11-1185-Rev. G, 13-Jun-11
www.vishay.com
5
Vishay Siliconix
DG411, DG412, DG413
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. Analog Voltage
Charge Injection vs. Analog Voltage
Input Switching Threshold vs. Supply Voltage
VD or VS - Drain or Source Voltage (V)
30
10
- 40
- 60
- 15
- 10
- 5
0
5
10
15
20
0
- 50
- 30
- 10
- 20
V+ = 15 V
V- = - 15 V
VL = 5 V
TA = 25 °C
ID(off)
IS(off)
ID(on)
40
VS - Source Voltage (V)
100
80
60
40
20
0
- 20
- 40
- 60
- 15
- 10
- 5
0
5
10
15
V+ = 15 V
V- = - 15 V
VL = 5 V
CL = 10 nF
CL = 1 nF
3.5
3.0
5
1015
20
25
303540
2.5
2.0
1.5
1.0
0.5
0
(V+)
6.5 V
5.5 V
VL = 7.5 V
4.5 V
ID, IS Leakages vs. Temperature
Charge Injection vs. Analog Voltage
Switching Time vs. Temperature
- 15
- 10
- 5
0
5
10
15
5
10
15
20
25
30
35
V+ = 15 V
V- = - 15 V
VL = 5 V
125 °C
85 °C
25 °C
- 55 °C
VD - Drain Voltage (V)
VD - Drain Voltage (V)
100
80
60
40
20
0
- 20
- 40
- 60
- 15
- 10
- 5
0
5
10
15
120
140
V+ = 15 V
V- = - 15 V
VL = 5 V
CL = 10 nF
CL = 1 nF
Temperature (°C)
240
180
120
60
0
- 55 - 35
- 15
5
25
45
65
85
105 125
210
150
90
30
V+ = 15 V
V- = - 15 V
VL = 5 V
VS = 10 V
tOFF
tON


Similar Part No. - DG411DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411DY-T1 VISHAY-DG411DY-T1 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
DG411DY-T1-E3 VISHAY-DG411DY-T1-E3 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG411DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com