Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11948T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11948T
Description  PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11948T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11948T_07 Datasheet HTML 1Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 2Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 3Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 4Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 5Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 6Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 7Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 8Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LB11948T
No.7947-2/13
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VS supply voltage
VS
3.0 to 15
V
VCC supply voltage
VCC
3.0 to 15
V
VCC ≤ 4V
0.0 to 1.0
V
Reference voltage
VREF
VCC > 4V
0.0 to 1.5
V
Electrical Characteristics Ta = 25
°C, VS = VCC = 5V, VREF = 0.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[Output Block]
IVS OFF
PH1 = PH2 = 0V, EN1 = EN2 = 3.0V, ST = 3.0V
5
μA
IVS ON
PH1 = PH2 = EN1 = EN2 = 0V, ST = 3.0V
28
40
52
mA
VS system supply current
IVS wt
PH1 = PH2 = EN1 = EN2 = ST = 0V
1
μA
Output saturation voltage 1
VO (sat) 1
IO = +0.2A (source)
0.2
0.4
V
Output saturation voltage 2
VO (sat) 2
IO = +0.4A (source)
0.3
0.5
V
Output saturation voltage 3
VO (sat) 3
IO = -0.2A (sink)
0.2
0.4
V
Output saturation voltage 4
VO (sat) 4
IO = -0.4A (sink)
0.3
0.5
V
IO1 (leak)
VO = VBB (sink)
50
μA
Output leakage current
IO2 (leak)
VO = 0V (source)
-50
μA
Upper and lower side output diodes
Forward voltage 1 (upper side)
VF1
I = 400mA
0.9
1.1
1.3
V
Forward voltage 2 (lower side)
VF2
I = 400mA
0.9
1.1
1.3
V
[Logic Block]
ICC OFF
PH1 = PH2 = 0V, EN1 = EN2 = 3.0V, ST = 3.0V
6.5
10
13.5
mA
ICC ON
PH1 = PH2 = EN1 = EN2 = 0V, ST = 3.0V
7
11
15
mA
VCC system supply current
ICC wt
PH1 = PH2 = EN1 = EN2 = ST = 0V
1
μA
VI on
2.0
V
Input voltage
VI off
0.8
V
Input current
IIN
VIN = 5V
70
100
130
μA
Reference voltage : 1V
V1V
IO = 1mA
0.95
1
1.05
V
Current setting reactive current
IE
-22
-17
-10.5
mA
Reference current
IREF
VREF = 0.3V, VE = 0.3V
-1
μA
CR pin current 1
ICR1
CR = 0.5V
-2
μA
CR pin current 2
ICR2
CR = 3V
1.65
2.2
2.75
mA
Sense voltage 1
VSEN1
VREF = 0.5V
0.475
0.5
0.525
V
Thermal shutdown temperature *
TS
*
170
°C
Note * : Design guarantee value
Truth Table
Channel 1
Channel 2
Input
Input
Output
Input
Output
ST
PHASE1
ENABLE1
OUT1-
OUT1
PHASE2
ENABLE2
OUT2-
OUT2
H
L
L
H
L
L
L
H
L
H
H
L
L
H
H
L
L
H
H
*
H
OFF
OFF
*
H
OFF
OFF
L
*
*
OFF
OFF
*
*
OFF
OFF
Note * : Levels shown as an asterisk (*) can be set to be either high or low.


Similar Part No. - LB11948T_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T_10 Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
More results

Similar Description - LB11948T_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T_10 Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T Datasheet
248Kb / 12P
   Monolithic Digital IC PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1936V SANYO-LB1936V Datasheet
145Kb / 5P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com