Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11948T Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB11948T
Description  PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11948T Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB11948T_07 Datasheet HTML 1Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 2Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 3Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 4Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 5Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 6Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 7Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 8Page - Sanyo Semicon Device LB11948T_07 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LB11948T
No.7947-3/13
Package Dimensions
unit : mm (typ)
3259
Pin Assignment
Top view
SANYO : TSSOP30(275mil)
0.65
9.75
0.15
1
15
30
16
0.22
(0.33)
Pd max -- Ta
Ambient temperature, Ta – °C
0
0.8
1.0
1.2
0.6
0.4
0.2
1.4
– 20
80 85
0.62
60
20
40
0100
Specified PCB : 114.3
×76.1×1.6mm
PCB material : glass epoxy


Similar Part No. - LB11948T_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T_10 Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
More results

Similar Description - LB11948T_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T_10 Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T Datasheet
248Kb / 12P
   Monolithic Digital IC PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1936V SANYO-LB1936V Datasheet
145Kb / 5P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com