Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG409DQ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG409DQ
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409DQ Datasheet(HTML) 5 Page - Vishay Siliconix

  DG409DQ Datasheet HTML 1Page - Vishay Siliconix DG409DQ Datasheet HTML 2Page - Vishay Siliconix DG409DQ Datasheet HTML 3Page - Vishay Siliconix DG409DQ Datasheet HTML 4Page - Vishay Siliconix DG409DQ Datasheet HTML 5Page - Vishay Siliconix DG409DQ Datasheet HTML 6Page - Vishay Siliconix DG409DQ Datasheet HTML 7Page - Vishay Siliconix DG409DQ Datasheet HTML 8Page - Vishay Siliconix DG409DQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Document Number: 70062
www.vishay.com
S11-0933-Rev. J, 16-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408, DG409
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source/Drain Capacitance vs. Analog Voltage
Drain Leakage Current vs. Source/Drain Voltage
Input Switching Threshold vs. Supply Voltage
Drain Leakage Current vs. Source/Drain Voltage
(Single 12 V Supply)
Source Leakage Current vs. Source Voltage
Negative Supply Current vs. Switching Frequency
VANALOG - Analog Voltage (V)
0
15
- 15
0
20
40
80
60
V+ = 15 V
V- = - 15 V
CD(off)
CS(off)
- 10
- 5
5
10
CD(on)
DG408 ID(on), ID(off)
VD or VS - Drain or Source Voltage (V)
0
15
- 15
- 140
- 60
20
100
60
- 20
- 100
V+ = 15 V
V- = - 15 V
VS = - VD for ID(off)
VD = VS(open) for ID(on)
DG409 ID(off)
- 10
- 5
5
10
DG409 ID(on)
+ VSUPPLY (V)
12
20
48
16
0.0
0.5
2.0
1.5
1.0
VANALOG - Analog Voltage (V)
12
0
10
6
2
4
8
- 60
- 40
- 20
60
40
0
20
DG408 ID(off)
DG409 ID(off)
DG409 ID(on)
DG408 ID(on)
VS = 0 V for ID(off)
VS = VD for ID(on)
VS - Source Voltage (V)
0
15
- 15
- 10
0
10
20
15
5
- 5
V+ = 15 V
V- = - 15 V
V+ = 12 V
V- = 0 V
- 10
- 5
5
10
Switching Frequency (Hz)
10K
10M
100
1K
100K
1M
VSUPPLY = ± 15 V
- 100 mA
- 1 mA
- 100 µA
- 10 µA
- 1 µA
- 0.1 µA
- 10 mA
VEN = 2.4 V
VEN = 0 V or 5 V


Similar Part No. - DG409DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG409DQ VISHAY-DG409DQ Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG409DQ-E3 VISHAY-DG409DQ-E3 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG409DQ-T1 VISHAY-DG409DQ-T1 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG409DQ-T1-E3 VISHAY-DG409DQ-T1-E3 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
More results

Similar Description - DG409DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com