Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG412HSDY-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG412HSDY-E3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412HSDY-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG412HSDY-E3 Datasheet HTML 1Page - Vishay Siliconix DG412HSDY-E3 Datasheet HTML 2Page - Vishay Siliconix DG412HSDY-E3 Datasheet HTML 3Page - Vishay Siliconix DG412HSDY-E3 Datasheet HTML 4Page - Vishay Siliconix DG412HSDY-E3 Datasheet HTML 5Page - Vishay Siliconix DG412HSDY-E3 Datasheet HTML 6Page - Vishay Siliconix DG412HSDY-E3 Datasheet HTML 7Page - Vishay Siliconix DG412HSDY-E3 Datasheet HTML 8Page - Vishay Siliconix DG412HSDY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.vishay.com
2
Document Number: 72053
S11-0179-Rev. C, 07-Feb-11
Vishay Siliconix
DG411HS, DG412HS, DG413HS
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Top View
S1
S2
V-
V+
NC
NC
GND
VL
S4
S3
LCC
NC
IN3
D3
D4
IN4
NC
IN2
D2
D1
IN1
Key
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
Dual-In-Line and SOIC
DG413HS
DG413HS
Top View
S2
V+
VL
S3
IN3 D3
D4 IN4
IN2 D2
D1 IN1
S1
V-
GND
S4
1
2
3
4
5
6
8
7
16
15
14
13
12
11
10
9
DG413HS
QFN16
TRUTH TABLE
Logic
SW1, SW4
SW2, SW3
0OFF
ON
1ON
OFF
ORDERING INFORMATION
Temp. Range
Package
Part Number
DG411HS, DG412HS
- 40 °C to 85 °C
16-Pin Plastic DIP
DG411HSDJ
DG411HSDJ-E3
DG412HSDJ
DG412HSDJ-E3
16-Pin Narrow SOIC
DG411HSDY
DG411HSDY-E3
DG411HSDY-T1
DG411HSDY-T1-E3
DG412HSDY
DG412HSDY-E3
DG412HSDY-T1
DG412HSDY-T1-E3
16-Pin QFN 4 x 4 mm
DG411HSDN-T1-E4
DG412HSDN-T1-E4
DG413HS
- 40 °C to 85 °C
16-Pin Plastic DIP
DG413HSDJ
DG413HSDJ-E3
16-Pin Narrow SOIC
DG413HSDY
DG413HSDY-E3
DG413HSDY-T1
DG413HSDY-T1-E3
16-Pin QFN 4 x 4 mm
DG413HSDN-T1-E4


Similar Part No. - DG412HSDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG412HSDY-E3 VISHAY-DG412HSDY-E3 Datasheet
145Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 11-Jun-07
More results

Similar Description - DG412HSDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com