Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG412HSDY-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG412HSDY-T1
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412HSDY-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG412HSDY-T1 Datasheet HTML 1Page - Vishay Siliconix DG412HSDY-T1 Datasheet HTML 2Page - Vishay Siliconix DG412HSDY-T1 Datasheet HTML 3Page - Vishay Siliconix DG412HSDY-T1 Datasheet HTML 4Page - Vishay Siliconix DG412HSDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG412HSDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG412HSDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG412HSDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG412HSDY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Vishay Siliconix
DG411HS, DG412HS, DG413HS
Document Number: 72053
S11-0179-Rev. C, 07-Feb-11
www.vishay.com
1
Precision Monolithic Quad SPST CMOS Analog Switches
FEATURES
44 V supply max. rating
± 15 V analog signal range
On-resistance - RDS(on): 25 
Fast switching - tON: 68 ns
Ultra low power - PD: 0.35 µW
TTL, CMOS compatible
Single supply capability
BENEFITS
Widest dynamic range
Low signal rrrors and distortion
Break-before-make switching action
Simple interfacing
APPLICATIONS
Precision automatic test equipment
Precision data acquisition
Communication systems
Battery powered systems
Computer peripherals
DESCRIPTION
The DG411HS series of monolithic quad analog switches
was designed to provide high speed, low error switching of
precision analog signals. Combining low power (0.35 µW)
with high speed (tON: 68 ns), the DG411HS family is ideally
suited for portable and battery powered industrial and
military applications.
To achieve high-voltage ratings and superior switching
performance, the DG411HS series was built on Vishay
Siliconix’s high voltage silicon gate process. An epitaxial
layer prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks input voltages up to the supply levels when
off.
The DG411HS and DG412HS respond to opposite control
logic as shown in the Truth Table. The DG413HS has two
normally open and two normally closed switches.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
* Pb containing terminations are not RoHS compliant, exemptions may apply
Top View
S2
V+
VL
S3
IN3 D3
D4 IN4
IN2 D2
D1 IN1
S1
V-
GND
S4
1
2
3
4
5
6
8
7
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
Dual-In-Line and SOIC
Top View
S1
S2
V-
V+
NC
NC
GND
VL
S4
S3
LCC
NC IN3 D3
D4 IN4
NC IN2 D2
D1 IN1
Key
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
DG411HS
DG411HS
DG411HS
QFN16
TRUTH TABLE
Logic
DG411HS
DG412HS
0ON
OFF
1OFF
ON


Similar Part No. - DG412HSDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG412HSDY-T1 VISHAY-DG412HSDY-T1 Datasheet
145Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 11-Jun-07
DG412HSDY-T1-E3 VISHAY-DG412HSDY-T1-E3 Datasheet
145Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 11-Jun-07
More results

Similar Description - DG412HSDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com