Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG419 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG419
Description  Precision CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG419 Datasheet HTML 1Page - Vishay Siliconix DG419 Datasheet HTML 2Page - Vishay Siliconix DG419 Datasheet HTML 3Page - Vishay Siliconix DG419 Datasheet HTML 4Page - Vishay Siliconix DG419 Datasheet HTML 5Page - Vishay Siliconix DG419 Datasheet HTML 6Page - Vishay Siliconix DG419 Datasheet HTML 7Page - Vishay Siliconix DG419 Datasheet HTML 8Page - Vishay Siliconix DG419 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number: 70051
S10-1528-Rev. G, 19-Jul-10
Vishay Siliconix
DG417, DG418, DG419
Notes:
a. Refer to Process Option Flowchart.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Dynamic Characteristics
Source Off
Capacitance
CS(off)
f = 1 MHz, VS = 0 V
Room
8
pF
Drain Off Capacitance
CD(off)
DG417
DG418
Room
8
Channel On
Capacitance
CD(on)
f = 1 MHz, VS = 0 V
DG417
DG418
Room
30
DG419
Room
35
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0 or 5 V
Room
Full
0.001
1
5
1
5
µA
Negative Supply
Current
I-
Room
Full
- 0.001
- 1
- 5
- 1
- 5
Logic Supply Current
IL
Room
Full
0.001
1
5
1
5
Ground Current
IGND
Room
Full
- 0.0001
- 1
- 5
- 1
- 5
SPECIFICATIONSa for Unipolar Supplies
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
012012
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = 3.8 V
V+ = 10.8 V
Room
40
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF, VS = 8 V
See Switching Time Test Circuit
Room
110
ns
Turn-Off Time
tOFF
Room
40
Break-Before-Make
Time Delay
tD
DG419 Only
RL = 300 , CL = 35 pF
Room
60
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 
Room
5
pC
Power Supplies
Positive Supply
Current
I+
V+ = 13.2 V, VL = 5.25 V
VIN = 0 or 5 V
Room
0.001
µA
Negative Supply
Current
I-
Room
- 0.001
Logic Supply
Current
IL
Room
0.001
Ground
Current
IGND
Room
- 0.001
SPECIFICATIONSa


Similar Part No. - DG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DG419 AD-DG419 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
DG419 AD-DG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
logo
Maxim Integrated Produc...
DG419 MAXIM-DG419 Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG419 VISHAY-DG419 Datasheet
106Kb / 10P
   DG419
Rev. E, 06-Sep-99
DG419 VISHAY-DG419 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
More results

Similar Description - DG419

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com