Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG413DY-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG413DY-E3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413DY-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG413DY-E3 Datasheet HTML 3Page - Vishay Siliconix DG413DY-E3 Datasheet HTML 4Page - Vishay Siliconix DG413DY-E3 Datasheet HTML 5Page - Vishay Siliconix DG413DY-E3 Datasheet HTML 6Page - Vishay Siliconix DG413DY-E3 Datasheet HTML 7Page - Vishay Siliconix DG413DY-E3 Datasheet HTML 8Page - Vishay Siliconix DG413DY-E3 Datasheet HTML 9Page - Vishay Siliconix DG413DY-E3 Datasheet HTML 10Page - Vishay Siliconix DG413DY-E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Document Number: 70050
S11-1185-Rev. G, 13-Jun-11
www.vishay.com
7
Vishay Siliconix
DG411, DG412, DG413
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 3. Break-Before-Make (DG413)
0 V
Logic
Input
Switch
Switch
Output
3 V
50 %
0 V
Output
0 V
90 %
VO2
VO1
90 %
VS1
VS2
tD
tD
VO2
CL (includes fixture and stray capacitance)
V+
S2
V-
S1
VL
VS2
IN2
D2
VS1
RL2
300
D1
VO1
CL2
35 pF
- 15 V
GND
+ 5 V
+ 15 V
RL1
300
CL1
35 pF
IN1
Figure 4. Charge Injection
CL
10 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
Vg
- 15 V
GND
+ 15 V
+ 5 V
OFF
ON
OFF
OFF
ON
OFF
VO
VO
INX
INX
Q =
VO x CL
INX dependent on switch configuration Input polarity determined
by sense of switch.
Figure 5. Crosstalk
0 V, 2.4 V
S1
XTALK Isolation = 20 log
VS
VO
D2
C = RF bypass
RL
D1
S2
VS
0 V, 2.4 V
IN1
50
VO
IN2
Rg = 50 
VL
V+
- 15 V
GND
V-
NC
C
+ 15 V
C
+ 5 V
C


Similar Part No. - DG413DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG413DY-E3 VISHAY-DG413DY-E3 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG413DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com