Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG413HSDJ Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG413HSDJ
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413HSDJ Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG413HSDJ Datasheet HTML 4Page - Vishay Siliconix DG413HSDJ Datasheet HTML 5Page - Vishay Siliconix DG413HSDJ Datasheet HTML 6Page - Vishay Siliconix DG413HSDJ Datasheet HTML 7Page - Vishay Siliconix DG413HSDJ Datasheet HTML 8Page - Vishay Siliconix DG413HSDJ Datasheet HTML 9Page - Vishay Siliconix DG413HSDJ Datasheet HTML 10Page - Vishay Siliconix DG413HSDJ Datasheet HTML 11Page - Vishay Siliconix DG413HSDJ Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.vishay.com
8
Document Number: 72053
S11-0179-Rev. C, 07-Feb-11
Vishay Siliconix
DG411HS, DG412HS, DG413HS
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?72053.
Figure 4. Charge Injection
CL
1 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
Vg
-15 V
GND
+ 15 V
+ 5 V
OFF
ON
OFF
OFF
ON
OFF
VO
ΔVO
INX
INX
Q =
ΔVO x CL
Figure 5. Crosstalk
0 V, 2.4 V
S1
XTALK Isolation = 20 log
VO
VS
D2
C = RF bypass
RL
D1
S2
VS
0 V, 2.4 V
IN1
50
Ω
VO
IN2
Rg = 50 Ω
VL
V+
- 15 V
GND
V -
NC
C
+ 15 V
C
+ 5 V
C
Figure 6. Off-Isolation
RL
50
Ω
D
0 V, 2.4 V
V+
Rg = 50 Ω
-15 V
GND
V-
C
VS
Off Isolation = 20 log
VO
VS
IN
VL
VO
+ 5 V
C
+ 15 V
S
C
C = RF Bypass
Figure 7. Source/Drain Capacitances
D
IN
S
VL
V+
-15 V
GND
V -
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+ 5 V
C
+ 15 V
C


Similar Part No. - DG413HSDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG413HSDJ VISHAY-DG413HSDJ Datasheet
145Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 11-Jun-07
DG413HSDJ-E3 VISHAY-DG413HSDJ-E3 Datasheet
145Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 11-Jun-07
More results

Similar Description - DG413HSDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com