Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG442 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG442
Description  Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG442 Datasheet HTML 2Page - Vishay Siliconix DG442 Datasheet HTML 3Page - Vishay Siliconix DG442 Datasheet HTML 4Page - Vishay Siliconix DG442 Datasheet HTML 5Page - Vishay Siliconix DG442 Datasheet HTML 6Page - Vishay Siliconix DG442 Datasheet HTML 7Page - Vishay Siliconix DG442 Datasheet HTML 8Page - Vishay Siliconix DG442 Datasheet HTML 9Page - Vishay Siliconix DG442 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 70053
S11-1066-Rev. J, 30-May-11
Vishay Siliconix
DG441, DG442
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Switching Threshold vs. Supply Voltage
Source/Drain Leakage Currents (Single 12 V Supply)
Switching Time vs. Power Supply Voltage
0
1.6
0.8
2.4
0
5
10
15
20
V+, V- Positive and Negative Supplies (V)
12
6
0
-40
-30
-10
-20
0
10
V+ = 12 V
V- = 0 V
For ID, VS = 0
For IS, VD = 0
IS(off), ID(off)
IS(on) + ID(on)
24
8
10
VD or VS - Drain or Source Voltage (V)
Supply Voltage (V)
± 10
± 12
± 14
± 16
± 18
± 20
± 22
160
140
120
20
80
60
40
100
tOFF
tON
Source/Drain Leakage Currents
Operating Voltage
Switching Time vs. Power Supply Voltage
15
0
-15
- 100
-80
-40
-20
-60
0
20
-10
- 5
5
10
V+ = 15 V
V- = - 15 V
For I(off), VD = - VS
IS(off), ID(off)
ID(on)
VD or VS - Drain or Source Voltage (V)
- 50
- 20
0
0
10
30
40
50
20
- 40
- 30
- 10
44
3
V-
V+
D
IN
S
V- - Negative Supply (V)
CMOS
Compatible
5 V - CMOS
Compatible
TTL Compatible
VIN = 0.8 V, 2.4 V
500
400
0
822
200
100
300
10
12
14
16
18
20
tOFF
tON
V- = 0 V
VS - Source Voltage (V)


Similar Part No. - DG442

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG442 INTERSIL-DG442 Datasheet
111Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG442 INTERSIL-DG442 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG442 VISHAY-DG442 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Maxim Integrated Produc...
DG442 MAXIM-DG442 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Intersil Corporation
DG442 INTERSIL-DG442 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - DG442

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com