Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG441L Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG441L
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441L Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG441L Datasheet HTML 6Page - Vishay Siliconix DG441L Datasheet HTML 7Page - Vishay Siliconix DG441L Datasheet HTML 8Page - Vishay Siliconix DG441L Datasheet HTML 9Page - Vishay Siliconix DG441L Datasheet HTML 10Page - Vishay Siliconix DG441L Datasheet HTML 11Page - Vishay Siliconix DG441L Datasheet HTML 12Page - Vishay Siliconix DG441L Datasheet HTML 13Page - Vishay Siliconix DG441L Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.vishay.com
10
Document Number: 71399
S11-1066–Rev. E, 30-May-11
Vishay Siliconix
DG441L, DG442L
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATIONS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see www.vishay.com/ppg?71399.
Figure 7. Power MOSFET Driver
+ 12 V
+ 12 V
GND
V -
V+
0 = Load Off
1 = Load On
+ 24 V
I = 3A
VN0300L, M
DG442L
+ 12 V
10 k
150
RL
IN
Figure 8. Open Loop Sample-and-Hold
H = Sample
L = Hold
0 V
+ 12 V
VIN
VOUT
CH
SD
IN
1/4 DG442L
+
-
+
-
Figure 9. Precision-Weighted Resistor Programmable-Gain Amplifier
+ 12 V
V
V+
V -
GND
DG441L or DG442L
+
-
VIN
VOUT
Gain error is determined only by the resistor
tolerance. Op amp offset and CMRR will limit ac-
curacy of circuit.
GAIN1
AV = 1
GAIN2
AV = 10
GAIN3
AV = 20
GAIN4
AV = 100
R1
90 k
R2
5 k
R3
4 k
R4
1 k
VOUT
VIN
=
R1 + R2 + R3 + R4
R4
= 100
With SW4 Closed


Similar Part No. - DG441L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG441L VISHAY-DG441L Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG441LAK VISHAY-DG441LAK Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG441LAK883 VISHAY-DG441LAK883 Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG441LAKDG441LAK/883 VISHAY-DG441LAKDG441LAK/883 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG441L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. F, 07-Feb-11
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com