Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG442DJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG442DJ
Description  Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442DJ Datasheet(HTML) 4 Page - Vishay Siliconix

  DG442DJ Datasheet HTML 1Page - Vishay Siliconix DG442DJ Datasheet HTML 2Page - Vishay Siliconix DG442DJ Datasheet HTML 3Page - Vishay Siliconix DG442DJ Datasheet HTML 4Page - Vishay Siliconix DG442DJ Datasheet HTML 5Page - Vishay Siliconix DG442DJ Datasheet HTML 6Page - Vishay Siliconix DG442DJ Datasheet HTML 7Page - Vishay Siliconix DG442DJ Datasheet HTML 8Page - Vishay Siliconix DG442DJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 70053
S11-1066-Rev. J, 30-May-11
Vishay Siliconix
DG441, DG442
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa (Single Supply)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = 3 V, 8 V
V+ = 10.8 V
Room
Full
100
160
200
160
200
Dynamic Characteristics
Turn-On Time
tON
RL = 1 k, CL = 35 pF
VS = 8 V
See Figure 2
Room
300
450
450
ns
Turn-Off Time
tOFF
Room
60
200
200
Charge Injection
Q
CL = 1nF, Vgen = 6 V, Rgen = 0 
Room
2
pC
Power Supplies
Positive Supply Current
I+
V+ = 13.2 V, V- = 0 V
VIN = 0 or 5 V
Full
15
100
100
µA
Negative Supply Current
I-
Room
Full
- 0.0001
- 1
- 100
- 1
- 100
Ground Current
IGND
Full
- 15
- 100
- 100


Similar Part No. - DG442DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG442DJ INTERSIL-DG442DJ Datasheet
111Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG442DJ MAXIM-DG442DJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
logo
Intersil Corporation
DG442DJ INTERSIL-DG442DJ Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG442DJ VISHAY-DG442DJ Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Maxim Integrated Produc...
DG442DJ MAXIM-DG442DJ Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
More results

Similar Description - DG442DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com