Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG429DJ Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG429DJ
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG429DJ Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG429DJ Datasheet HTML 4Page - Vishay Siliconix DG429DJ Datasheet HTML 5Page - Vishay Siliconix DG429DJ Datasheet HTML 6Page - Vishay Siliconix DG429DJ Datasheet HTML 7Page - Vishay Siliconix DG429DJ Datasheet HTML 8Page - Vishay Siliconix DG429DJ Datasheet HTML 9Page - Vishay Siliconix DG429DJ Datasheet HTML 10Page - Vishay Siliconix DG429DJ Datasheet HTML 11Page - Vishay Siliconix DG429DJ Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number: 70063
S11-1350–Rev. K, 04-Jul-11
Vishay Siliconix
DG428, DG429
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SCHEMATIC DIAGRAM (Typical Channel)
TIMING DIAGRAMS
TEST CIRCUITS
Figure 1.
S1
EN
D
V+
Sn
V-
Decode/
Drive
Level
Shift
V+
Latches
VREF
V+
V-
DO
Dn
CLK
RESET
QO
Qn
AX
WR
RS
GND
V-
Figure 2.
3 V
0 V
3 V
0 V
50 %
20 %
80 %
EN
tW
tH
WR
A0, A1, (A2)
tS
Figure 3.
3 V
0 V
0 V
50 %
RS
VO
Switch
Output
tRS
tOFF(RS)
80 %
Figure 4. Break-Before-Make
DG428
DG429
EN
V+
GND
V-
+ 5 V
35 pF
- 15 V
+ 15 V
+ 2.4 V
RS
A0, A1, (A2)Db, D
All S and Da
WR
300
Ω
VO
50
Ω
Logic
Input
Switch
Output
VO
VS
tOPEN
tr < 20 ns
tf < 20 ns
3 V
0 V
50 %
80 %
0 V


Similar Part No. - DG429DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG429DJ VISHAY-DG429DJ Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG429DJ VISHAY-DG429DJ Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG429DJ-E3 VISHAY-DG429DJ-E3 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
More results

Similar Description - DG429DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com